Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 93 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 93 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 89Page - PMC-Sierra, Inc PM5345 Datasheet HTML 90Page - PMC-Sierra, Inc PM5345 Datasheet HTML 91Page - PMC-Sierra, Inc PM5345 Datasheet HTML 92Page - PMC-Sierra, Inc PM5345 Datasheet HTML 93Page - PMC-Sierra, Inc PM5345 Datasheet HTML 94Page - PMC-Sierra, Inc PM5345 Datasheet HTML 95Page - PMC-Sierra, Inc PM5345 Datasheet HTML 96Page - PMC-Sierra, Inc PM5345 Datasheet HTML 97Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
79
Register 0x18: RLOP Control/Status
Bit
Type
Function
Default
Bit 7
R/W
Reserved
0
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
Reserved
0
Bit 2
Unused
X
Bit 1
R
LAISV
0
Bit 0
R
FERFV
0
FERFV:
The FERFV bit is read to determine the far end receive failure state of the
RLOP. When FERFV is high, the RLOP has declared line FERF.
LAISV:
The LAISV bit is read to determine the line AIS state of the RLOP. When
LAISV is high, the RLOP has declared line AIS.
Reserved:
The reserved bits must be programmed to logic zero for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com