Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 79 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 79 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 75Page - PMC-Sierra, Inc PM5345 Datasheet HTML 76Page - PMC-Sierra, Inc PM5345 Datasheet HTML 77Page - PMC-Sierra, Inc PM5345 Datasheet HTML 78Page - PMC-Sierra, Inc PM5345 Datasheet HTML 79Page - PMC-Sierra, Inc PM5345 Datasheet HTML 80Page - PMC-Sierra, Inc PM5345 Datasheet HTML 81Page - PMC-Sierra, Inc PM5345 Datasheet HTML 82Page - PMC-Sierra, Inc PM5345 Datasheet HTML 83Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
65
AUTOFERF
The AUTOFERF bit determines whether line far end receive failure (FERF) is
sent immediately upon detection of an incoming alarm. When AUTOFERF is
set to logic one, line FERF is inserted immediately upon declaration of loss of
signal (LOS), loss of frame (LOF), or line AIS.
AUTOFEBE
The AUTOFEBE bit determines whether line and path far end block errors are
sent upon detection of an incoming line and path BIP error events. When
AUTOFEBE is set to logic one, one line or path FEBE is inserted for each line
or path BIP error event. When AUTOFEBE is set to logic zero, incoming line
or path BIP error events do not generate FEBE events.
GPINE
The GPINE bit is an interrupt enable for the GPIN input. When GPINE is set
to logic one, an interrupt is generated when the GPIN input changes state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com