Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 49 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 49 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 45Page - PMC-Sierra, Inc PM5345 Datasheet HTML 46Page - PMC-Sierra, Inc PM5345 Datasheet HTML 47Page - PMC-Sierra, Inc PM5345 Datasheet HTML 48Page - PMC-Sierra, Inc PM5345 Datasheet HTML 49Page - PMC-Sierra, Inc PM5345 Datasheet HTML 50Page - PMC-Sierra, Inc PM5345 Datasheet HTML 51Page - PMC-Sierra, Inc PM5345 Datasheet HTML 52Page - PMC-Sierra, Inc PM5345 Datasheet HTML 53Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
35
Pin Name
Type
Pin
No.
Function
INTB
OD
Output
94
The active low interrupt (INTB) signal goes low
when a S/UNI interrupt source is active, and
that source is unmasked. The S/UNI may be
enabled to report many alarms or events via
interrupts. Examples are loss of signal (LOS),
loss of frame (LOF), line AIS, line far end
receive failure (FERF), loss of pointer (LOP),
path AIS, path yellow, and many others. INTB
returns high when the interrupt is
acknowledged via an appropriate register
access. INTB is an open drain output.
TCK
Input
100
The test clock (TCK) signal provides timing for
test operations that can be carried out using
the IEEE P1149.1 test access port.
TMS
Input
80
The test mode select (TMS) signal controls the
test operations that can be carried out using
the IEEE P1149.1 test access port. TMS is
sampled on the rising edge of TCK. TMS has
an integral pull up resistor.
TDI
Input
79
The test data input (TDI) signal carries test
data into the S/UNI via the IEEE P1149.1 test
access port. TDI is sampled on the rising edge
of TCK. TDI has an integral pull up resistor.
TDO
Tristate
78
The test data output (TDO) signal carries test
data out of the S/UNI via the IEEE P1149.1
test access port. TDO is updated on the falling
edge of TCK. TDO is a tri-state output which is
inactive except when scanning of data is in
progress.
TRSTB
Input
82
The active low test reset (TRSTB) signal
provides an asynchronous S/UNI test access
port reset via the IEEE P1149.1 test access
port. If the JTAG port is not used, TRSTB
should be tied to RSTB for proper operation.
TRSTB has an integral pull up resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com