Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 34 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 34 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 30Page - PMC-Sierra, Inc PM5345 Datasheet HTML 31Page - PMC-Sierra, Inc PM5345 Datasheet HTML 32Page - PMC-Sierra, Inc PM5345 Datasheet HTML 33Page - PMC-Sierra, Inc PM5345 Datasheet HTML 34Page - PMC-Sierra, Inc PM5345 Datasheet HTML 35Page - PMC-Sierra, Inc PM5345 Datasheet HTML 36Page - PMC-Sierra, Inc PM5345 Datasheet HTML 37Page - PMC-Sierra, Inc PM5345 Datasheet HTML 38Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
20
Pin Name
Type
Pin
No.
Function
TXCO+
TXCO-
Output
19
18
The transmit differential clock/negative pulse
outputs (TXCO+, and TXCO-) contain either
the transmit output clock or MLT-3 encoded
data when the bit serial interface is selected
(TSER is tied high).
When NRZ encoding is selected (FPOS/MLT is
tied low), TXCO+/- is a buffered version of
TXCI+/-. TXD+/- is updated on the falling edge
of TXCO+/-.
When MLT-3 encoding is selected (FPOS/MLT
is tied high), the TXCO+/- outputs contain the
negative pulses of the MLT-3 encoded stream.
POCLK
Output
9
The parallel output clock (POCLK) signal
provides timing for processing of the data that
is output by the S/UNI. POCLK is nominally a
19.44 MHz, 50% duty cycle clock. POCLK is a
buffered version of TCLK when the byte serial
interface is selected (TSER is tied low).
POCLK is a divide by eight of TXCI+/- when
the bit serial interface is selected (TSER is tied
high).
POUT[0]
POUT[1]
POUT[2]
POUT[3]
POUT[4]
POUT[5]
POUT[6]
POUT[7]
Output
158
159
160
1
2
3
4
5
The scrambled data output (POUT[7:0]) bus
carries data when the byte serial interface is
selected (TSER is tied low). POUT[7:0] is
updated on the rising edge of TCLK. POUT[7]
is the most significant bit (corresponding to bit
1 of each serial word, the first bit transmitted).
POUT[0] is the least significant bit
(corresponding to bit 8 of each serial word, the
last bit transmitted).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com