Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 37 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 37 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 33Page - PMC-Sierra, Inc PM5345 Datasheet HTML 34Page - PMC-Sierra, Inc PM5345 Datasheet HTML 35Page - PMC-Sierra, Inc PM5345 Datasheet HTML 36Page - PMC-Sierra, Inc PM5345 Datasheet HTML 37Page - PMC-Sierra, Inc PM5345 Datasheet HTML 38Page - PMC-Sierra, Inc PM5345 Datasheet HTML 39Page - PMC-Sierra, Inc PM5345 Datasheet HTML 40Page - PMC-Sierra, Inc PM5345 Datasheet HTML 41Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
23
Pin Name
Type
Pin
No.
Function
PAIS
Output
37
The path AIS (PAIS) signal is set high when
STS-path AIS is declared. This occurs when
an all ones pattern is observed in the pointer
bytes (H1, H2) for three consecutive frames.
Path AIS is removed when the same valid and
normal pointer is detected for three
consecutive frames or a legal pointer with an
active NDF is received. This alarm indication is
also available via register access. PAIS is
updated on the falling edge of RCLK.
PYEL
Output
39
The path yellow (PYEL) signal is set high when
STS-path yellow alarm is declared. This
occurs when bit 5 of the path status byte (G1)
is set high for ten consecutive frames. Path
yellow is removed when bit 5 of the G1 byte is
set low for ten consecutive frames. This alarm
indication is also available via register access.
PYEL is updated on the falling edge of RCLK.
TLAIS
Input
29
The active high transmit line alarm indication
(TLAIS) signal controls the insertion of line
AIS. Line AIS is inserted by overwriting the
SONET/SDH frame contents with all ones
(before scrambling). The section overhead is
not overwritten. This function can also be
performed via register access. Line AIS
insertion is internally synchronized to frame
boundaries. The TLAIS input takes
precedence over the TTOH and TTOHEN
inputs. TLAIS is sampled on the rising edge of
POCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com