Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 55 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 55 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 51Page - PMC-Sierra, Inc PM5345 Datasheet HTML 52Page - PMC-Sierra, Inc PM5345 Datasheet HTML 53Page - PMC-Sierra, Inc PM5345 Datasheet HTML 54Page - PMC-Sierra, Inc PM5345 Datasheet HTML 55Page - PMC-Sierra, Inc PM5345 Datasheet HTML 56Page - PMC-Sierra, Inc PM5345 Datasheet HTML 57Page - PMC-Sierra, Inc PM5345 Datasheet HTML 58Page - PMC-Sierra, Inc PM5345 Datasheet HTML 59Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
41
detected in bits 6, 7, and 8 of the K2 byte, for five consecutive frames. FERF is
removed when any pattern other than 110 is detected in bits 6, 7, and 8 of the
K2 byte for five consecutive frames. FERF is updated with timing aligned to
RCLK.
10.3.2 Line AIS Detect
The Line AIS Block detects the presence of a Line Alarm Indication Signal (AIS)
in the STS-3c stream. Output LAIS is asserted when a 111 binary pattern is
detected in bits 6,7,8 of the K2 byte, for five consecutive frames. LAIS is
removed when any pattern other than 111 is detected in bits 6, 7, and 8 of the
K2 byte for five consecutive frames. LAIS is updated with timing aligned to
RCLK.
10.3.3 Error Monitor
The Error Monitor Block calculates the received line BIP-24 error detection code
(B2) based on the line overhead and synchronous payload envelope of the STS-
3c (STM-1) stream. The line BIP-24 code is a bit interleaved parity calculation
using even parity. Details are provided in the references. The calculated BIP-24
code is compared with the BIP-24 code extracted from the STS-3c (STM-1) of
the following frame. Any differences indicate that a line layer bit error has
occurred. Up to 192000 (3 x 8 x 8000) bit errors can be detected per second in
an STS-3c (STM-1).
The Error Monitor Block accumulates these line layer bit errors in a 20 bit
saturating counter that can be read via the microprocessor interface. During a
read, the counter value is latched and the counter is reset to 0 (or 1, if there is an
outstanding event). Note, this counter should be polled at least once per second
to avoid saturation which in turn may result in missed bit error events.
The Error Monitor Block also accumulates line far end block error indications
(contained in the Z2 byte) in a similar manner.
10.4
Transport Overhead Extract Port
The Transport Overhead Extract Port ( also known as the Receive Transport
Overhead Access Port, RTOP) extracts the 81 bytes of receive transport
overhead and serializes them at 5.184 Mbit/s on RTOH for optional external
processing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com