Electronic Components Datasheet Search
  English  ▼

X  

PM5345 Datasheet(PDF) 67 Page - PMC-Sierra, Inc

Part # PM5345
Description  SATURN USER NETWORK INTERFACE TELECOM STANDARD PRODUCT
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5345 Datasheet(HTML) 67 Page - PMC-Sierra, Inc

Back Button PM5345 Datasheet HTML 63Page - PMC-Sierra, Inc PM5345 Datasheet HTML 64Page - PMC-Sierra, Inc PM5345 Datasheet HTML 65Page - PMC-Sierra, Inc PM5345 Datasheet HTML 66Page - PMC-Sierra, Inc PM5345 Datasheet HTML 67Page - PMC-Sierra, Inc PM5345 Datasheet HTML 68Page - PMC-Sierra, Inc PM5345 Datasheet HTML 69Page - PMC-Sierra, Inc PM5345 Datasheet HTML 70Page - PMC-Sierra, Inc PM5345 Datasheet HTML 71Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 196 page
background image
PM5345 S/UNI-155
DATA SHEET
PMC-930305
ISSUE 4
SATURN USER NETWORK INTERFACE
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
53
10.13 Path Overhead Insert
The Path Overhead Insert Block provides a bit serial path overhead interface to
the TPOP. Any, or all of the path overhead bytes may be sourced from, or
modified by the bit serial path overhead stream, TPOH. The individual bits of
each path overhead byte are shifted in using the TPOHCLK output. The
TPOHFP output is provided to identify when the most significant bit of the Path
Trace byte is expected on TPOH. The state of the TPOHEN input, together with
an internal register, determines whether the data sampled on TPOH, or the
default path overhead byte values (shown in the table below) are inserted in the
STS-3c (STM-1) stream. For example, a high level on TPOHEN during the path
trace (J1) bit positions causes the eight values shifted in on TPOH to be inserted
in the J1 byte position in the STS-3c stream. A low level on TPOHEN during the
path trace bit positions causes the default value (0x00) to be inserted in the STS-
3c stream. Other combinations are also possible.
During the B3 and H4 byte positions in the TPOH stream, a high level on
TPOHEN enables an error insertion mask. While the error mask is enabled, a
high level on input TPOH causes the corresponding bit in the B3 or H4 byte to be
inverted. A low level on TPOH causes the corresponding bit in the B3 or H4 byte
to pass through the TPOP uncorrupted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com