Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 156 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 156 Page - Texas Instruments

Back Button DM505 Datasheet HTML 152Page - Texas Instruments DM505 Datasheet HTML 153Page - Texas Instruments DM505 Datasheet HTML 154Page - Texas Instruments DM505 Datasheet HTML 155Page - Texas Instruments DM505 Datasheet HTML 156Page - Texas Instruments DM505 Datasheet HTML 157Page - Texas Instruments DM505 Datasheet HTML 158Page - Texas Instruments DM505 Datasheet HTML 159Page - Texas Instruments DM505 Datasheet HTML 160Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 286 page
background image
156
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-55. Switching Characteristics Over Recommended Operating Conditions for McASP1
(1)
(continued)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
13
td(ACLK-AFSXR)
Delay time, ACLKR/X transmit edge to AFSX/R output valid
ACLKR/
X int
0
6
ns
ACLKR/
X ext in
ACLKR/
X ext out
2
22.2
ns
14
td(ACLK-AXR)
Delay time, ACLKR/X transmit edge to AXR output valid
ACLKR/
X int
0
6
ns
ACLKR/
X ext in
ACLKR/
X ext out
2
22.2
ns
(1) ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2) P = AHCLKR/X period in ns.
(3) R = ACLKR/X period in ns.
Table 5-56. Switching Characteristics Over Recommended Operating Conditions for McASP2 (1)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
9
tc(AHCLKRX)
Cycle time, AHCLKR/X
20
ns
10
tw(AHCLKRX)
Pulse duration, AHCLKR/X high or low
0.5P -
2.5 (2)
ns
11
tc(ACLKRX)
Cycle time, ACLKR/X
20
ns
12
tw(ACLKRX)
Pulse duration, ACLKR/X high or low
0.5P -
2.5 (3)
ns
13
td(ACLK-AFSXR)
Delay time, ACLKR/X transmit edge to AFSX/R output valid
ACLKR/
X int
0
6
ns
ACLKR/
X ext in
ACLKR/
X ext out
2
22.2
ns
14
td(ACLK-AXR)
Delay time, ACLKR/X transmit edge to AXR output valid
ACLKR/
X int
0
6
ns
ACLKR/
X ext in
ACLKR/
X ext out
2
22.2
ns
(1) ACLKR internal: ACLKRCTL.CLKRM=1, PDIR.ACLKR = 1
ACLKR external input: ACLKRCTL.CLKRM=0, PDIR.ACLKR=0
ACLKR external output: ACLKRCTL.CLKRM=0, PDIR.ACLKR=1
ACLKX internal: ACLKXCTL.CLKXM=1, PDIR.ACLKX = 1
ACLKX external input: ACLKXCTL.CLKXM=0, PDIR.ACLKX=0
ACLKX external output: ACLKXCTL.CLKXM=0, PDIR.ACLKX=1
(2) P = AHCLKR/X period in ns.
(3) R = ACLKR/X period in ns.
Table 5-57. Switching Characteristics Over Recommended Operating Conditions for McASP3 (1)
NO.
PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
9
tc(AHCLKRX)
Cycle time, AHCLKR/X
20
ns
10
tw(AHCLKRX)
Pulse duration, AHCLKR/X high or low
0.5P -
2.5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com