Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 165 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 165 Page - Texas Instruments

Back Button DM505 Datasheet HTML 161Page - Texas Instruments DM505 Datasheet HTML 162Page - Texas Instruments DM505 Datasheet HTML 163Page - Texas Instruments DM505 Datasheet HTML 164Page - Texas Instruments DM505 Datasheet HTML 165Page - Texas Instruments DM505 Datasheet HTML 166Page - Texas Instruments DM505 Datasheet HTML 167Page - Texas Instruments DM505 Datasheet HTML 168Page - Texas Instruments DM505 Datasheet HTML 169Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 286 page
background image
rgmii _txc
n
(A)
rgmii _txd
n
[3:0]
(B)
rgmii _txctl
n
(B)
5
1st Half-byte
TXERR
TXEN
2nd Half-byte
4
4
2
3
1
6
[internal delay enabled]
SPRS91v_GMAC_09
165
DM505
www.ti.com
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
(1) For RGMII, transmit selected signals include: rgmiin_txd[3:0] and rgmiin_txctl.
(2) RGMII0 1000Mbps operation is not supported.
(3) RGMII1 1000Mbps operation is not supported.
A.
TXC is delayed internally before being driven to the rgmiin_txc pin. This internal delay is always enabled.
B.
Data and control information is transmitted using both edges of the clocks. rgmiin_txd[3:0] carries data bits 3-0 on the
rising edge of rgmiin_txc and data bits 7-4 on the falling edge of rgmiin_txc. Similarly, rgmiin_txctl carries TXEN on
rising edge of rgmiin_txc and TXERR of falling edge of rgmiin_txc.
Figure 5-48. GMAC Transmit Interface Timing RGMIIn operation
5.9.6.15 SDIO Controller
MMC interface is compliant with the SDIO3.0 standard v1.0, SD Part E1 and for generic SDIO devices, it
supports the following applications:
•
MMC 4-bit data, SD Default speed, SDR
•
MMC 4-bit data, SD High speed, SDR
•
MMC 4-bit data, UHS-I SDR12 (SD Standard v3.01), 4-bit data, SDR, half cycle
•
MMC 4-bit data, UHS-I SDR25 (SD Standard v3.01), 4-bit data, SDR, half cycle
NOTE
For more information, see the SDIO Controller chapter of the Device TRM.
5.9.6.15.1 MMC, SD Default Speed
Figure 5-49, Figure 5-50, Table 5-68, and Table 5-69 present Timing requirements and Switching
characteristics for MMC - SD and SDIO Default speed in receiver and transmiter mode.
Table 5-68. Timing Requirements for MMC - Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS5
tsu(cmdV-clkH)
Setup time, mmc_cmd valid before mmc_clk rising clock edge
5.11
ns
DS6
th(clkH-cmdV)
Hold time, mmc_cmd valid after mmc_clk rising clock edge
20.46
ns
DS7
tsu(dV-clkH)
Setup time, mmc_dat[i:0] valid before mmc_clk rising clock edge
5.11
ns
DS8
th(clkH-dV)
Hold time, mmc_dat[i:0] valid after mmc_clk rising clock edge
20.46
ns
(1) i in [i:0] = 3
Table 5-69. Switching Characteristics for MMC - SD/SDIO Default Speed Mode
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
DS0
fop(clk)
Operating frequency, mmc_clk
24
MHz
DS1
tw(clkH)
Pulse duration, mmc_clk high
0.5*P-
0.270
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com