Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 162 Page - Texas Instruments

Click here to check the latest version.
Part # DM505
Description  SoC for Radar and Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  286 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM505 Datasheet(HTML) 162 Page - Texas Instruments

Back Button DM505 Datasheet HTML 158Page - Texas Instruments DM505 Datasheet HTML 159Page - Texas Instruments DM505 Datasheet HTML 160Page - Texas Instruments DM505 Datasheet HTML 161Page - Texas Instruments DM505 Datasheet HTML 162Page - Texas Instruments DM505 Datasheet HTML 163Page - Texas Instruments DM505 Datasheet HTML 164Page - Texas Instruments DM505 Datasheet HTML 165Page - Texas Instruments DM505 Datasheet HTML 166Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 286 page
background image
1
MDIO4
MDIO5
MDIO7
MDIO2
MDIO3
MDIO6
MDIO6
MDCLK
MDIO
(input)
MDIO
(output)
SPRS91v_GMAC_07
162
DM505
SPRS976A – NOVEMBER 2016 – REVISED JANUARY 2017
www.ti.com
Submit Documentation Feedback
Specifications
Copyright © 2016–2017, Texas Instruments Incorporated
Table 5-62. Timing Requirements for MDIO Input
No
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
1
tc(MDC)
Cycle time, MDC
400
ns
2
tw(MDCH)
Pulse Duration, MDC High
160
ns
3
tw(MDCL)
Pulse Duration, MDC Low
160
ns
4
tsu(MDIO-MDC)
Setup time, MDIO valid before MDC High
90
ns
5
th(MDIO_MDC)
Hold time, MDIO valid from MDC High
0
ns
Table 5-63. Switching Characteristics Over Recommended Operating Conditions for MDIO Output
No
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
6
tt(MDC)
Transition time, MDC
5
ns
7
td(MDC-MDIO)
Delay time, MDC High to MDIO valid
10
390
ns
Figure 5-46. GMAC MDIO diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com