Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 22Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 23Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 24Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 25Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
22
7.0 Electrical Characteristics
7.1 Recommended Operating Conditions
Parameter
Min
Max
Unit
VDD
Supply Voltage
+3.0
+3.6
V
TAMB
Ambient Operating Temperature
0
+70
°C
7.2 DC Characteristics
Parameter
Test Conditions
Min
Typ.
Max
Unit
IDD
Supply current
90MHz
115
mA
P
Power consumption
380
mW
VIH
Hi-level input voltage
VDD+0.5
-
VDD+0.5
V
VIL
Lo-level input voltage
+0.8
-
+0.8
V
VOH
Hi-level output voltage
VDD
-
VDD
V
VOL
Lo-level output voltage
0.5
-
0.5
V
IO
Output current, stand data -0.5V<VO<VDD+0.5
-4
4
mA
Output current, bus driver -0.5V<VO<VDD+0.5
-12
12
mA
ILI
Input leakage current
1
-
1
µA
INL
Integral non-linearity
-
+0.5
+1.3
LSB
DNL
Differential non-linearity
-
0.3
0.5
LSB
7.3 AC Characteristics
Parameter
Test Conditions
Min
Typ.
Max
Unit
Ci
Input pin capacitance
-
-
8
PF
δ
CK2
Duty factor (tCK2H/tCK2)
40
-
60
%
tiS
Input data set-up time
5
-
-
ns
tiH
Input data hold time
3
-
-
ns
tr
Input rise time
Vi = 0.6 to 2.6V
-
-
5
ns
tf
Input fall time
Vi = 2.6 to 0.6V
-
-
5
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com