Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
16
6.4 Automatic Positioning Control
The input horizontal and vertical starting and ending positions are detected to ensure that the whole
picture fits into the displayable region of the screen. Two modes of position detection are provided: 1-
line detection and whole-frame detection.
The 1-line detection can be performed by choosing any
horizontal line (reg.#10h) or vertical line (reg.#19h), to check in what range the luma data is larger
than the threshold value defined by DATA_TH (reg.#11h). When the threshold for the vertical line is
different from the horizontal line, an additional register VDATA_TH (reg.#0Fh) can be used for
vertical threshold and it is enabled by reg.#06h<7>. Any luma data lower than the threshold value is
considered blanking period. The following drawing shows the related registers:
DELAY
CKREF
CLOCK
BUFFER
CKAO
PHASE B (#0Ch<3:0>)
CKBO
4
/N
COUNTER
HSFB
DIVIDER
#0Ah<3:0> & #0Bh<7:0>
12
Input/Output pin
AL875-07b Clock Distribution Circuitry
Inverter
INV
CKADCO
ADC sampling clock
Internal logic clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com