Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 24Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 25Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 26Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 27Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 28Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 29Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 30Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 31Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
28
0Ch:
PLL phase delay control (R/W) [PHASE]
PhaseA
<7:4>
Hsync phase delay adjustment
PhaseB
<3:0>
CKBO phase delay adjustment
Refer to the Internal PLL Block Diagram and AL875 Clock Distribution Circuitry in section 6.3 for
additional reference.
One-line Automatic positioning:
0Fh:
Vertical Data Threshold (R/W) [VDATA_TH]
VData_TH
<7:0> Luma (brightness) threshold value.
This value is used to determine non-blanking pixel for vertical direction. Any pixel luma value less
than this value is considered as blanking. . Hardware default value is 32 (20h).
Vertical column used to detect vertical active start and end is defined by register #19h.
This register is enabled by register #06h<7>.
10h:
Horizontal Line Number for HDE_ST & HDE_END detection (R/W) [HNUMBER]
HNumber
<7:0> Horizontal line number for horizontal active start and end detection; refer to
register #11h for additional reference. (unit: 8 lines)
Hardware default value is 06h, which means 6 X 8 = 48 lines
11h:
Data Threshold (R/W) [DATA_TH]
Data_TH
<7:0> Luma (brightness) threshold value.
This value is used to determine non-blanking pixel for horizontal direction. Any pixel luma value
less than this value is considered as blanking. . Hardware default value is 32 (20h).
Horizontal line used to detect horizontal active start and end is defined by register #10h.
This register is enabled by register #06h<7>.
12h:
Horizontal Active Start High (R only) [HDE_STH]
HDE_stH
<2:0> Bits <10:8> of detected horizontal active start pixel position.
13h:
Horizontal Active Start Low (R only) [HDE_STL]
HDE_stL
<7:0> Bits <7:0> of detected horizontal active start pixel position. (Unit: 1 pixel)
14h:
Horizontal Active End High (R only) [HDE_ENDH]
HDE_EndH
<2:0> Bits <10:8> of detected horizontal active end-pixel position.
15h:
Horizontal Active End Low (R only) [HDE_ENDL]
HDE_EndL
<7:0> Bits <7:0> of detected horizontal active end-pixel position. (Unit: 1 pixel)
16h:
Detected H Total Value (R only) [HCNT_TOTH]
HCNT_TOTH <2:0> Bits <10:8> of the detected horizontal total pixel number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com