Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AL875 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
5
3.0 General Description
The AL875 is a high-speed triple 8-bit monolithic analog-to-digital converter (ADC) designed for
digitizing RGB graphics/video signal or other applications. Its 110 MHz conversion rate can support
display resolution of up to 1280x1024 at 60Hz refresh rate.
The AL875 accepts 0.6~2.0V analog input range without using pre-amplifiers which may reduce the
overall S/N ratio. Digitized data is piped at the full clock rate to the 24-bit output port. The AL875
uses 3.3V power with 5V tolerant I/O and low power dissipation.
The sampling clock is provided by an external clock source, usually a PLL, which multiplies the
frequency of the input reference clock (usually a HSYNC signal) to generate the sampling clock. The
AL875 provides a programmable PLL divider up to 4096.
In addition, the input active horizontal and vertical starting and ending positions can be detected to
ensure that the whole picture fits into the displayable region of the screen. Through an I
2C interface,
the AL875 is fully programmable to support various graphic resolutions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com