Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
18
Details about these registers can be found in the Register Definition section.
6.5 Clock Phase Test (for Jitter-reduction)
The AL875 provides a proprietary clock phase test mode for jitter-reduction.
Jitters may be
experienced when sampling clock frequency and/or phase is not accurate. The AL875 can sample
twice (with slightly different clock phases) on each odd or even pixel and count the total output value
difference of the two phases (delay controlled by register #07h). This information (stored in registers
#08h and #09h) is then available for the micro-controller to adjust the sampling clock frequency and
phase for optimization. Additional reference can be found in the Register Definition section.
INPUT
ACTIVE
REGION
HSYNC
WVDE_ST,
#25h<2:0> & #26h<7:0>
WHDE_END,
#23h<2:0> & #24h<7:0>
WVDE_END,
#27h<2:0> & #28h<7:0>
WHDE_ST,
#21h<2:0>
& #22h<7:0>
Threshold = DATA_TH, #11h
When horizontal and vertical thresholds are different:
Threshold horizontal = DATA_TH, #11h
Threshold vertical = VDATA_TH, #0Fh, Enabled by #06h<7>
AL875-10 Whole-frame position detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com