Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
7
5.0 Pin Definition and Description
Following is the pin definition of the AL875 with the corresponding TDA8752 pin assignment
attached.
AL875
Type
PIN#
DESCRIPTION
TDA8752
TESTIN3
IN (CMOS)
1
Test signal input 3, can be left open.
n.c.
TESTIN2
IN (CMOS)
2
Test signal input 2, can be left open.
DEC2
TESTIN1
IN (CMOS)
3
Test signal input 1, can be left open.
Vref
TESTIN0
IN (CMOS)
4
Test signal input 0, can be left open.
DEC1
VDD
POWER
5
Digital power supply
n.c.
VRBR
IN
6
Red channel bottom voltage reference
RAGC
VNR
IN
7
Red channel comparator voltage reference
RBOT
VRTR
IN
8
Red channel top voltage reference
RGAINC
NC
--
9
Not connected
RCLP
NC
--
10
Not connected
RDEC
VDDAR
POWER
11
Red channel analog power supply
VCCAR
RIN
IN
12
Red channel analog input
RIN
GNDAR
GROUND
13
Red channel analog ground
AGNDR
VRBG
IN
14
Green channel bottom voltage reference
GAGC
VNG
IN
15
Green channel comparator voltage reference
GBOT
VRTG
IN
16
Green channel top voltage reference
GGAINC
NC
--
17
Not connected
GCLP
NC
--
18
Not connected
GDEC
VDDAG
POWER
19
Green channel analog power supply
VCCAG
GIN
IN
20
Green channel analog input
GIN
GNDAG
GROUND
21
Green channel analog ground
AGNDG
VRBB
IN
22
Blue channel bottom voltage reference
BAGC
VNB
IN
23
Blue channel comparator voltage reference
BBOT
VRTB
IN
24
Blue channel top voltage reference
BGAINC
NC
--
25
Not connected
BCLP
NC
--
26
Not connected
BDEC
VDDAB
POWER
27
Blue channel analog power supply
VCCAB
BIN
IN
28
Blue channel analog input
BIN
GNDAB
GROUND
29
Blue channel analog ground
AGNDB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com