Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 22Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 23Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 24Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 25Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 26Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
23
CL
Digital output load cap.
15
-
50
PF
toH
Output hold time
CL = 15pF
3
-
-
ns
tPD
Propagation delay
CL = 40pF
-
-
5
ns
SNR
Signal-to-noise ratio
-
-
48
dB
FC
Conversion speed
-
-
110
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com