Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
9
GOUT0
OUT (CMOSt)
61
Green channel ADC output bit 0
G0
GOUT1
OUT (CMOSt)
62
Green channel ADC output bit 1
G1
GOUT2
OUT (CMOSt)
63
Green channel ADC output bit 2
G2
GOUT3
OUT (CMOSt)
64
Green channel ADC output bit 3
G3
GOUT4
OUT (CMOSt)
65
Green channel ADC output bit 4
G4
GOUT5
OUT (CMOSt)
66
Green channel ADC output bit 5
G5
GOUT6
OUT (CMOSt)
67
Green channel ADC output bit 6
G6
GOUT7
OUT (CMOSt)
68
Green channel ADC output bit 7
G7
VDDG
POWER
69
Green channel ADC output power supply
VCCOG
GNDR
GROUND
70
Red channel ADC output ground
OGNDR
ROUT0
OUT (CMOSt)
71
Red channel ADC output bit 0
R0
ROUT1
OUT (CMOSt)
72
Red channel ADC output bit 1
R1
ROUT2
OUT (CMOSt)
73
Red channel ADC output bit 2
R2
ROUT3
OUT (CMOSt)
74
Red channel ADC output bit 3
R3
ROUT4
OUT (CMOSt)
75
Red channel ADC output bit 4
R4
ROUT5
OUT (CMOSt)
76
Red channel ADC output bit 5
R5
ROUT6
OUT (CMOSt)
77
Red channel ADC output bit 6
R6
ROUT7
OUT (CMOSt)
78
Red channel ADC output bit 7
R7
VDDR
POWER
79
Red channel ADC output power supply
VCCOR
CKREFO
OUT (CMOS)
80
PLL Reference clock output with phase
adjustment from CKREF. Usually used for
external PLL reference input.
CKREFO
CKAO
OUT (CMOS)
81
Output clock A (in phase with the internal digital
logic clock)
CKAO
GNDPLL
GROUND
82
Digital ground. Reserved for AL876 PLL digital
ground.
OGNDPLL
CKBO
OUT (CMOS)
83
Output clock B (with phase adjustment)
CKBO
CKADCO
OUT (CMOS)
84
ADC sampling clock (in phase with the ADC
sampling clock)
CKADCO
VDDPLL
POWER
85
Digital power supply. Reserved for AL876 PLL
digital power supply. Suggested to be separated
from the other VDD pins with a ferrite bead for
AL876 compatibility
VCCO(PLL)
GND
GROUND
86
Digital ground
DGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com