Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 26Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 27Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 28Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 29Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 30Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 31Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 32Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 33Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
33
11.0 Power Consumption
The AL875 works at single 3.3V power. The following table shows the current consumption of the
AL875 at different operating frequencies.
Frequency
Current
AL875@3.3V
110MHz
135 mA (typ.)
AL875@3.3V
90MHz
115 mA (typ.)
AL875@3.3V
65MHz
95 mA (typ.)
AL875@3.3V
40MHz
65 mA (typ.)
For more information about the AL875 or other AverLogic products, please contact your local
authorized representatives, visit our website, or contact us directly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com