Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
10
/OE
IN (CMOS)
87
Output enable (when OE is HIGH, the outputs are
in HI-Z)
OE
PWRDN
IN (CMOSd)
88
Power-Down control (Active HIGH)
PWOFF
HSFB
OUT (CMOS)
89
Clock feedback divider output. Used with optional
external PLL
CLP
HSYNC
IN (CMOS)
90
Horizontal sync input
HSYNC
INV
IN (CMOSd)
91
The invert control of the ADC sampling clock
INV
CKEXT
IN (CMOS)
92
External clock input
CKEXT
VSYNC
IN (CMOS)
93
Vertical sync input
COAST
CKREF
IN (CMOS)
94
PLL reference clock input
CKREF
VDD
POWER
95
Digital power supply
VCCD
GNDAPLL
GROUND
96
Analog ground. Reserved for AL876 PLL analog
ground.
AGNDPLL
CP
IN
97
Internal compensation pin. Reserved for AL876
PLL filter input. Please follow the reference
design for external RC filter circuitry.
CP
NC
--
98
Not connected
CZ
VDDAPLL
POWER
99
Analog power supply. Reserved for AL876 PLL
analog power supply. Suggested to be separated
from the other VDD pins with a ferrite bead for
AL876 compatibility
VCCAPLL
GND
GROUND
100
Digital ground
n.c.
Remarks:
• CMOSd:
CMOS with internal pull-down
• CMOSs:
CMOS with Schmitt trigger input
• CMOSsu:
CMOS with Schmitt trigger input and internal pull-up
• CMOSt:
CMOS with tri-state output
• CMOSu:
CMOS with internal pull-up
Note: Clamping feature is not supported in the chip.
Pin list grouped by functionality
Symbol
Type
PIN#
DESCRIPTION
Analog Input
RIN
IN
12
Red channel analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com