Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
17
The whole frame detection scans the whole input video/graphics to check in which range the luma data
is larger than the threshold value defined by DATA_TH or VDATA_TH. Any luma data lower than
the threshold value is considered blanking period. Whole frame detection may be more accurate than
1-line detection. The following drawing shows the related registers:
INPUT
ACTIVE
REGION
HSYNC
Selected line for vertical positioning detection
VCOLUMN, #19h
Selected line for horizontal
positioning detection
HNUMBER, #10h
VDE_ST,
#1Ah<2:0> & 1Bh<7:0>
HCNT_TOT,
#16h<2:0> & #17h<7:0>
HDE_END,
#14h<2:0> & #15h<7:0>
VDE_END,
#1Ch<2:0> & #1Dh<7:0>
HDE_ST,
#12h<2:0>
& #13h<7:0>
HS_WIDTH, #18h<7:0>
Threshold = DATA_TH, #11h
When horizontal and vertical thresholds are different:
Threshold horizontal = DATA_TH, #11h
Threshold vertical = VDATA_TH, #0Fh, Enabled by #06h<7>
AL875-09 One-line position detection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com