Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 20Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 21Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 22Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 23Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
20
The acknowledge-related clock pulse is generated by the host (master). The host releases the SDA
line (HIGH) during the acknowledge clock pulse, but the AL875 does not pull it down during this
stage.
<DATA>:
Data byte write to or read from the register index.
In read operation, the host must release the SDA line (high) before the first clock pulse is
transmitted to the AL875.
<P>:
Stop signal
SCL SDA
High Low
High High
The Stop signal is LOW to HIGH transition on the SDA line when SCL is HIGH.
Suppose data F0h is to be written to register 0Fh using write slave address 98h, the timing is as
follows:
Suppose data is to be read from register 55h using read slave address 99h, the timing is as follows:
Start
Slave addr = 98h Ack
Ack
Ack Stop
Index = 0Fh
Data = F0h
SDA
SCL
AL875-04 I2C Write timing
Start
Slave addr = 98h
Ack
Ack
Ack
Index = 55h
Read slave addr = 99h
SDA
SCL
AL875-05 I2C Read timing
NAck
Stop
Data read cycle
Stop
Start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com