Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
14
6.0 Functional Description
6.1 ADC inputs and conversion
The AL875 is a triple 8-bit monolithic analog-to-digital converter optimized for digitizing RGB
graphics signals from personal computers and workstations. Its 110 MSPS encode rate capability
supports display resolutions of up to 1280
× 1024 at 60 Hz refresh rate with sufficient input bandwidth
to acquire and digitize each pixel accurately.
Each of the three analog input signals is input to a track-and-hold (T/H) circuit. This T/H captures the
value of the input at sampling and maintains it for the duration of the conversion. The sampling and
conversion process is initiated by a rising edge on the sampling clock input. Once the signal is captured
by the T/H, the four Most Significant Bits (MSBs) are sequentially encoded by the MSB Coarse
Comparator Array and MSB Fine Comparator Array. The residue signal is then encoded by the Least
Significant Bits (LSB) Coarse Comparator Array and LSB Fine Comparator Array to generate the
four bits of LSB data. The comparator outputs are decoded and combined into the 8-bit output.
Following is the clock diagram of the ADC (take R channel as an example):
CLOCK CONTROL
&
ERROR CORRECTION UNIT
MSB COARSE
COMPARATOR ARRAY
LSB FINE
COMPARATOR ARRAY
LSB FINE
COMPARATOR ARRAY
MSB ENCODER
LSB ENCODER
LSB ENCODER
MSB DATA LATCH
LSB DATA LATCH
REFERENCE SUPPLY
VRT
VRB
ROUT
[7:4]
ROUT
[3:0]
/OE
RIN
AL875-02 Block Diagram R channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com