Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
12
logic clock)
CKBO
OUT (CMOS)
83
Output clock B, with phase adjustment
CKADCO
OUT (CMOS)
84
ACD sampling clock output (in phase with ADC
sampling clock)
HSFB
OUT (CMOS)
89
Clock divided by N for external PLL circuits
Reset, I
2C and Configuration Pins
/RESET
IN (CMOSu)
44
Reset pin (active LOW)
PWRDN
IN (CMOSd)
88
Power-Down control (Active HIGH)
SCL
IN (CMOSs)
42
I2C serial clock input
SDA
INOUT
(CMOSsu)
39
I2C serial data input/output
ADDR[2:1]
IN (CMOSd)
34, 33
I2C address control input
CKINTEN
IN (CMOSd)
31
Test pin, pulled down for normal operation.
Reserved for AL876 internal clock enable (LO:
external clock, HI: internal PLL clock)
/OE
IN (CMOS)
87
Output enable (when OE is HIGH, the outputs
are in HI-Z)
INV
IN (CMOSd)
91
The invert control of the ADC sampling clock
Test Pins
ADTEST3
IN (CMOSu)
30
Internal ADC test pins 3
ADTEST[2:1]
IN (CMOSd)
36, 35
Internal ADC test pins 2~1
TESTIN4
IN (CMOSd)
43
Test signal input 4
TESTIN[3:0]
IN (CMOS)
1, 2, 3, 4
Test signal input 3~0
Power, Ground and No Connect
VDD
POWER
5, 40, 95
Digital power supply
VDDR
POWER
79
Red channel ADC output power supply
VDDG
POWER
69
Green channel ADC output power supply
VDDB
POWER
59
Blue channel ADC output power supply
VDDPLL
POWER
85
Digital power supply; reserved for AL876 PLL
power supply
VDDAR
POWER
11
Red channel analog power supply
VDDAG
POWER
19
Green channel analog power supply
VDDAB
POWER
27
Blue channel analog power supply
VDDAPLL
POWER
99
Analog power supply. Reserved for PLL analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com