Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
11
GIN
IN
20
Green channel analog input
BIN
IN
28
Blue channel analog input
VRTR
IN
8
Red channel top voltage reference
VRTG
IN
16
Green channel top voltage reference
VRTB
IN
24
Blue channel top voltage reference
VNR
IN
7
Red channel comparator voltage reference
VNG
IN
15
Green channel comparator voltage reference
VNB
IN
23
Blue channel comparator voltage reference
VRBR
IN
6
Red channel bottom voltage reference
VRBG
IN
14
Green channel bottom voltage reference
VRBB
IN
22
Blue channel bottom voltage reference
Digital Output
ROUT[7:0]
OUT (CMOSt)
78-71
Red channel ADC output
GOUT[7:0]
OUT (CMOSt)
68-61
Green channel ADC output
BOUT[7:0]
OUT (CMOSt)
58-52, 49
Blue channel ADC output
ROF
OUT (CMOS)
45
Red channel ADC output overflow
GOF
OUT (CMOS)
46
Green channel ADC output overflow
BOF
OUT (CMOS)
47
Blue channel ADC output overflow
RCLAMP
OUT (CMOSt)
32
Red channel clamp control output(NC)
GCLAMP
OUT (CMOSt)
50
Green channel clamp control output(NC)
BCLAMP
OUT (CMOSt)
51
Blue channel clamp control output(NC)
Clock Pins (and reserved PLL pins for the AL876)
HSYNC
IN (CMOS)
90
Horizontal sync input
VSYNC
IN (CMOS)
93
Vertical sync input
CKREF
IN (CMOS)
94
PLL reference clock input, which is usually
HSYNC
CKEXT
IN (CMOS)
92
External clock input
CP
IN
97
Internal compensation pin. Reserved for AL876
PLL filter input. Please follow the reference
design for external RC filter circuitry.
CKREFO
OUT (CMOS)
80
PLL Reference clock output with phase
adjustment from CKREF. Usually used for
external PLL reference input.
CKAO
OUT (CMOS)
81
Output clock A (in phase with internal digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com