Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AL875 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
4
AL875
Triple High Speed, 8-bit Analog-to-Digital Converter
1.0 Features
• High speed 8-bit ADC up to 110MHz
conversion rate
• Support display resolution up to 1280x1024
at 60Hz refresh rate
• Low power dissipation (0.9W typical at
3.3V, 110MHz)
• 0.6~2.0V p-p analog input range
• 10k~1MHz CKREF locking range
• Full programmability via I2C interface
• Automatic screen position support
• Programmable clock phase adjustment
• TTL compatible digital inputs and outputs
• High impedance tri-state output
• Power-down mode
• Single 3.3 volt power with 5 volt tolerant I/O
• 100-pin 14x20 mm PQFP package
2.0 Applications
• LCD/PDP Monitors
• LCD Projectors
• Other Flat Panel Displays
• High-end Video/Graphics Processing
ADC/R
T/H
RIN
VRT
VN
VRB
ADC/G
T/H
GIN
VRT
VN
VRB
ADC/B
T/H
BIN
VRT
VN
VRB
Output
Logic
ROUT<7:0>
Output
Logic
GOUT<7:0>
Output
Logic
BOUT<7:0>
/OE
IIC Interface
&
Control Logic
Digital
Logic
Circuits
HSYNC
VSYNC
CK REF
CP
CKEXT
ADDR1/2
SDA
SCL
AL875-01a functional block diagram.vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com