Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 13Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 14Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 15Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 16Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 17Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 18Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
15
6.2 ADC outputs
The ADC outputs are straight binary. An output enable pin (/OE, active LOW) toggles the output
status between active and high-impedance (/OE = HIGH). The timing should be checked carefully if
the output capacitive load is more than 10 pF.
6.3 Clock Distribution
The ADCs’ sampling clock is usually from an external PLL clock source. The AL875 provides a PLL
reference clock CKREFO (with phase adjustment) for the external PLL to generate the pixel clock to
CKEXT pin as the ADC sampling clock. If the PLL requires a feedback signal, it is provided by the
AL875 HSFB pin which signal is obtained from CKEXT divided by N. The PLL programming can be
either by the external PLL chip (if available) or by the AL875 registers.
In order to adjust the phase of the reference clock for optimal PLL quality, the CKREFO has
programmable delay from the CKREF input, which is usually a HSYNC signal. Each programmable
increment is equivalent to approximately 1.6ns. The CKREF delay adjustment diagram is as follows:
The PLL-generated pixel clock is input from the CKEXT pin, then distributed to different internal or
output pins with different delay for different purposes. The internal logic clock is available at CKAO
pin.
The delay-adjustable clock is available at CKBO, which programmability is useful for the
setup/hold time optimization for the LCD controller or any chip that captures the output of the
AL875. The ADC sampling clock is also available at CKADCO pin. The HSFB divider can be up to
4096. The clock distribution circuitry is illustrated in the following diagram:
INV
DELAY
CKREF
4
PHASE A
#0Ch<7:4>
CKREFO-INV
#02h<4>
CKREFO
AL875-07a Clock Reference Delay
Input/Output pin
1 delay = 1.6ns
Max. 15 delays = 24ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com