Electronic Components Datasheet Search
  English  ▼

X  

AL875 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AL875
Description  Triple High Speed, 8-bit Analog-to-Digital Converter
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AL875 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AL875 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 11Page - List of Unclassifed Manufacturers AL875 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
AL875
Preliminary version subject to change without notice
January 25, 2001
8
ADTEST3
IN (CMOSu)
30
Internal ADC test pin 3, to be pulled up.
n.c.
CKINTEN
IN (CMOSd)
31
Test pin, pulled down for normal operation.
Reserved for AL876 internal clock enable (LO:
external clock, HI: internal PLL clock)
n.c.
RCLAMP
OUT (CMOSt)
32
Red channel clamp control output (NC)
I2C/3W
ADDR1
IN (CMOSd)
33
I2C address control input 1
ADD1
ADDR2
IN (CMOSd)
34
I2C address control input 2
ADD2
ADTEST1
IN (CMOSd)
35
Internal ADC test pin 1, to be pulled down.
TCK
ADTEST2
IN (CMOSd)
36
Internal ADC test pin 2, to be pulled down.
TDO
NC
--
37
Not connected
DIS
NC
--
38
Not connected
SEN
SDA
INOUT
(CMOSsu)
39
I2C serial data input/output
SDA
VDD
POWER
40
Logic digital power supply
VDDD
GND
GROUND
41
Logic digital ground
VSSD
SCL
IN (CMOSs)
42
I2C serial clock input
SCL
TESTIN4
IN (CMOSd)
43
Test signal input 4, to be pulled up
n.c.
/RESET
IN (CMOSu)
44
Reset pin (active LOW)
n.c.
ROF
OUT (CMOS)
45
Red channel ADC output overflow
ROR
GOF
OUT (CMOS)
46
Green channel ADC output overflow
GOR
BOF
OUT (CMOS)
47
Blue channel ADC output overflow
BOR
GNDB
GROUND
48
Blue channel ADC output ground
OGNDB
BOUT0
OUT (CMOSt)
49
Blue channel ADC output bit 0
B0
GCLAMP
OUT (CMOSt)
Green channel clamp control output (NC)
n.c.
BCLAMP
OUT (CMOSt)
51
Blue channel clamp control output (NC)
n.c.
BOUT1
OUT (CMOSt)
52
Blue channel ADC output bit 1
B1
BOUT2
OUT (CMOSt)
53
Blue channel ADC output bit 2
B2
BOUT3
OUT (CMOSt)
54
Blue channel ADC output bit 3
B3
BOUT4
OUT (CMOSt)
55
Blue channel ADC output bit 4
B4
BOUT5
OUT (CMOSt)
56
Blue channel ADC output bit 5
B5
BOUT6
OUT (CMOSt)
57
Blue channel ADC output bit 6
B6
BOUT7
OUT (CMOSt)
58
Blue channel ADC output bit 7
B7
VDDB
POWER
59
Blue channel ADC output power supply
VCCOB
GNDG
GROUND
60
Green channel ADC output ground
OGNDG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com