Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 102 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 102 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 98Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 105Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 106Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 102 OF 109
09/25/03 Revision 1.09
17.3
3.3V AC SPECIFICATIONS
Figure 17-1 PCI SIGNAL TIMING MEASUREMENT CONDITIONS
66 MHz
33 MHz
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
Tsu
Input setup time to CLK – bused signals 1,2,3
3
-
7
-
Tsu(ptp)
Input setup time to CLK – point-to-point 1,2,3
5
-
10, 124
-
Th
Input signal hold time from CLK 1,2
0
-
0
-
Tval
CLK to signal valid delay – bused signals 1,2,3
2
6
2
11
Tval(ptp)
CLK to signal valid delay – point-to-point 1,2,3
2
6
2
12
Ton
Float to active delay 1,2
2
-
2
-
Toff
Active to float delay 1,2
-
14
-
28
ns
1. See Figure 17-1 PCI Signal Timing Measurement Conditions.
2. All primary interface signals are synchronized to P_CLK. All secondary interface
signals are synchronized to either S1_CLKOUT or S2_CLKOUT.
3. Point-to-point signals are P_REQ#, S1_REQ#[7:0], S2_REQ#[6:0], P_GNT#,
S1_GNT#[7:0], S2_GNT#[6:0], HSLED, HS_SW#, HS_EN, and ENUM#. Bused
signals are P_AD, P_BDE#, P_PAR, P_PERR#, P_SERR#, P_FRAME#, P_IRDY#,
P_TRDY#, P_LOCK#, P_DEVSEL#, P_STOP#, P_IDSEL, S1_AD, S1_CBE#,
S1_PAR, S1_PERR#, S1_SERR#, S1_FRAME#, S1_IRDY#, S1_TRDY#,
S1_LOCK#, S1_devsel#, S1_STOP#, S2_AD, S2_CBE#, S2_PAR, S2_PERR#,
S2_SERR#, S2_FRAME#, S2_IRDY#, S2_TRDY#, S2_LOCK#, S2_DEVSEL#,
and S2_STOP#.
4. REQ# signals have a setup of 10 and GNT# signals have a setup of 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com