Electronic Components Datasheet Search
  English  ▼

X  

PI7C7300 Datasheet(PDF) 103 Page - Pericom Semiconductor Corporation

Part # PI7C7300
Description  3-PORT PCI-to-PCI BRIDGE
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI7C7300 Datasheet(HTML) 103 Page - Pericom Semiconductor Corporation

Back Button PI7C7300 Datasheet HTML 99Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 100Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 101Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 102Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 103Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 104Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 105Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 106Page - Pericom Semiconductor Corporation PI7C7300 Datasheet HTML 107Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 109 page
background image
PI7C7300A
3-PORT PCI-TO-PCI BRIDGE
ADVANCE INFORMATION
Page 103 OF 109
09/25/03 Revision 1.09
17.4
PRIMARY AND SECONDARY BUSES AT 66MHz
CLOCK TIMING
Symbol
Parameter
Condition
Min.
Max.
Units
TSKEW
SKEW among S1_CLKOUT[7:0]
0
250
TSKEW
SKEW among S2_CLKOUT[6:0]
0
250
ps
TDELAY
DELAY between PCLK and S1_CLKOUT[7:0]
20pF load
3.3
4.9
TDELAY
DELAY between PCLK and S2_CLKOUT[6:0]
20pF load
3.3
4.9
TCYCLE
PCLK, S1_CLKOUT[7:0] cycle time
15
30
TCYCLE
PCLK, S2_CLKOUT[6:0] cycle time
15
30
THIGH
PCLK, S1_CLKOUT[7:0] HIGH time
6
THIGH
PCLK, S2_CLKOUT[6:0] HIGH time
6
TLOW
PCLK, S1_CLKOUT[7:0] LOW time
6
TLOW
PCLK, S_CLKOUT[6:0] LOW time
6
ns
17.5
PRIMARY AND SECONDARY BUSES AT 33MHz
CLOCK TIMING
Symbol
Parameter
Condition
Min.
Max.
Units
TSKEW
SKEW among S1_CLKOUT[7:0]
0
250
TSKEW
SKEW among S2_CLKOUT[6:0]
0
250
ps
TDELAY
DELAY between PCLK and S1_CLKOUT[7:0]
20pF load
3.3
4.9
TDELAY
DELAY between PCLK and S2_CLKOUT[6:0]
20pF load
3.3
4.9
TCYCLE
PCLK, S1_CLKOUT[7:0] cycle time
30
TCYCLE
PCLK, S2_CLKOUT[6:0] cycle time
30
THIGH
PCLK, S1_CLKOUT[7:0] HIGH time
11
THIGH
PCLK, S2_CLKOUT[6:0] HIGH time
11
TLOW
PCLK, S1_CLKOUT[7:0] LOW time
11
TLOW
PCLK, S2_CLKOUT[6:0] LOW time
11
ns
17.6
POWER CONSUMPTION
Parameter
Typical
Units
Power Consumption
2178
mW
Supply Current, ICC
660
mA
Note: Typical values are at VCC = 3.3V, TA = 25°C, and all three ports running at 66MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com