Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 30Page - Richtek Technology Corporation RT5035B Datasheet HTML 31Page - Richtek Technology Corporation RT5035B Datasheet HTML 32Page - Richtek Technology Corporation RT5035B Datasheet HTML 33Page - Richtek Technology Corporation RT5035B Datasheet HTML 34Page - Richtek Technology Corporation RT5035B Datasheet HTML 35Page - Richtek Technology Corporation RT5035B Datasheet HTML 36Page - Richtek Technology Corporation RT5035B Datasheet HTML 37Page - Richtek Technology Corporation RT5035B Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
34
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A18
0X12
Meaning
BUSY
Reversed
RTCT_SEC
Default
0
0
0
0
0
0
0
0
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
C
C
C
C
C
C
C
C
BUSY
1: RTC is busy and the writing access is not allowed
RTCT_SEC[5:0]
Stores the SECOND field of RTC time. That is 0 to 59.
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A19
0X13
Meaning
Reversed
Reversed
RTCT_MIN
Default
0
0
0
0
0
0
0
0
Read/Write
R
R
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
C
C
C
C
C
C
C
C
RTCT_MIN[5:0]
Stores the MINUTE field of RTC time. That is 0 to 59.
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A20
0X14
Meaning
MODE_12H
AM/PM
Reversed
RTCT_HR
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R
R/W
R/W
R/W
R/W
R/W
Reset
Condition
C
C
C
C
C
C
C
C
MODE_12H/24H
0 = 24H, 1 = 12H
AM/PM
0 = AM, 1 = PM
RTCT_HR[4:0]
Stores the HOUR field of RTC time. That is 0 to 23 (24hour format).
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A21
0X15
Meaning
Reversed Reversed
RTCT_YEAR
Default
0
0
0
0
1
1
0
1
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
C
C
C
C
C
C
C
C
RTCT_YEAR[6:0]
Stores the YEAR field of RTC time. That is 0 to 63. RTCT_YEAR = 0 means the
year 2000.
Hence, RT5035A/B can count till the year 2063.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com