Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 14Page - Richtek Technology Corporation RT5035B Datasheet HTML 15Page - Richtek Technology Corporation RT5035B Datasheet HTML 16Page - Richtek Technology Corporation RT5035B Datasheet HTML 17Page - Richtek Technology Corporation RT5035B Datasheet HTML 18Page - Richtek Technology Corporation RT5035B Datasheet HTML 19Page - Richtek Technology Corporation RT5035B Datasheet HTML 20Page - Richtek Technology Corporation RT5035B Datasheet HTML 21Page - Richtek Technology Corporation RT5035B Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
18
CH6 LDO Output Voltage vs. Output Current
2.900
2.905
2.910
2.915
2.920
2.925
2.930
2.935
2.940
2.945
2.950
0
50
100
150
200
Output Current (mA)
COUT = 1μF
VIN = 3V
VIN = 3.3V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
VIN = 5V
CH8 LDO Output Voltage vs. Output Current
4.98
4.99
5.00
5.01
5.02
5.03
5.04
5.05
5.06
5.07
0
50
100
150
200
Output Current (mA)
COUT = 1μF
VIN = 5V
VIN = 5.1V
VIN = 5.2V
VIN = 5.3V
VIN = 5.4V
VIN = 5.5V
CH9 LDO Output Voltage vs. Output Current
3.00
3.05
3.10
3.15
3.20
0
10
20
30
40
50
Output Current (mA)
COUT = 1μF
VIN = 3.3V
VIN = 3.6V
VIN = 3.9V
VIN = 4.2V
VIN = 4.5V
VIN = 5V
CH10 Buck Output Voltage vs. Output Current
1.320
1.325
1.330
1.335
1.340
1.345
1.350
1.355
0
200
400
600
800
1000
Output Current (mA)
VIN = 1.8V
VIN = 2.4V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
L = 2.2μH, COUT = 10μF
CH7 Output Voltage vs. Input Voltage
18.0
18.2
18.4
18.6
18.8
19.0
19.2
19.4
19.6
19.8
1.8 2.1 2.4 2.7
3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
Input Voltage (V)
Load = 6WLEDs/30mA, L = 10μH, COUT = 1μF
CH7 LED Current vs. Dimming Level
0
5
10
15
20
25
30
35
0
4
8
12
16
20
24
28
32
Dimming Level
VIN = 1.8V
VIN = 3V
VIN = 5.5V
Load = 6WLEDs, COUT = 1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com