Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 23 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 23 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 19Page - Richtek Technology Corporation RT5035B Datasheet HTML 20Page - Richtek Technology Corporation RT5035B Datasheet HTML 21Page - Richtek Technology Corporation RT5035B Datasheet HTML 22Page - Richtek Technology Corporation RT5035B Datasheet HTML 23Page - Richtek Technology Corporation RT5035B Datasheet HTML 24Page - Richtek Technology Corporation RT5035B Datasheet HTML 25Page - Richtek Technology Corporation RT5035B Datasheet HTML 26Page - Richtek Technology Corporation RT5035B Datasheet HTML 27Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
23
RTC time read/write method :
When reading RTC time via I2C interface, suggest read 6 bytes (address A11 to A16) together and finish reading
within 0.5 second to avoid the second carry issue. A16.RTCT_SEC[0] can be used for checking whether second is
carried during reading time. When writing RTC time via I2C interface, suggest to write 6 bytes (address A11 to A16)
together. A11 is first and then A12, A13, A14, A15, A16. Suggest finishing writing within 0.5 second to avoid second
carry issue during writing.
Output Voltage Ramp Rate
For instance, CH3 VCORE output voltage ramp up rate = 1.5 x 0.8V / 4ms = 0.3V/ms. The ramp up/down rate is kept
the same for enabling soft-start or dynamic output voltage adjustment.
Each channel has different ramp rate as listed below.
3.7ms
0V
1.1V
1.3V
Ramp rate = 1.5 x
0.8V/4ms
Ramp rate =
1.5 x 0.8V/4ms
0.7ms
Note :
About Dynamic Voltage Scaling, CH1, CH3, CH4, CH8, CH10 output voltage can be changed without inrush and
Vout ramping control when they have been turned on (said, dynamically change Vout). CH2, CH5, CH6 are not.
Synchronization and Spread Spectrum
If SYNC remains logic high or low, the spread spectrum clock will act the main clock for PWM. And, spread spectrum
function can be turned off by register A15.SS.
If the toggling clock of SYNC is detected, the PLL clock will act the main clock for PWM and the clock of PLL will
track its frequency. And the division ratio is decided by A15.SYN_DIV.
Furthermore, according to the logic high and low level threshold voltage, both 1.8V and 3V logic are compatible. If it
isn't used, the SYNC pin must be connected to GND.
Spread Spectrum
Clock Generator
PLL
DIV
SYNC
Clock for PWM
synchronization
A15.SYN_DIV
1
0
A15.SS
CLK
Detection
ASIC
VDDM
The output interface
of ASIC : Push-Pull
is preferred.
If the clock of SYNC is 12MHz, VDDM is not recommended as pull-up power voltage. Other power domains can be
used if they fit the logic high and logic low threshold voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com