Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 6Page - Richtek Technology Corporation RT5035B Datasheet HTML 7Page - Richtek Technology Corporation RT5035B Datasheet HTML 8Page - Richtek Technology Corporation RT5035B Datasheet HTML 9Page - Richtek Technology Corporation RT5035B Datasheet HTML 10Page - Richtek Technology Corporation RT5035B Datasheet HTML 11Page - Richtek Technology Corporation RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation RT5035B Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
10
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CH3 On Resistance of MOSFET
RDS(ON)_3
P
MOSFET, PVDD3 = 3.3V
--
200
300
m
N-MOSFET, PVDD3 = 3.3V
--
150
220
m
CH3 Current Limitation
(Step-Down)
ILIM_3
2.2
3
3.8
A
CH4 On Resistance of MOSFET
RDS(ON)_4
P-MOSFET, PVDD4 = 3.3V
--
350
400
m
N-MOSFET, PVDD4 = 3.3V
--
350
400
m
CH4 Current Limitation
(Step-Down)
ILIM_4
1
1.5
2
A
CH5 On Resistance of MOSFET
RDS(ON)_5
P-MOSFET, PVDD5 = 3.3V
--
350
400
m
N-MOSFET, PVDD5 = 3.3V
--
350
400
m
CH5 Current Limitation
(Step-Down)
ILIM_5
1
1.5
2
A
CH7 On Resistance of MOSFET
RDS(ON)_7
N-MOSFET
--
400
500
m
CH7 Current Limitation
ILIM_7
N-MOSFET
0.6
0.8
1
A
CH10 On Resistance of
MOSFET
RDS(ON)_10
P-MOSFET, PVDD10 = 3.3V
--
350
400
m
N-MOSFET, PVDD10 = 3.3V
--
350
400
m
CH10 Current Limitation
(Step-Down)
ILIM_10
1
1.5
2
A
SW4 Load Switch
Supply Voltage of SW4 at SWI
SWI
1.2
3.6
V
SW4 On Resistance of MOSFET
RDS(ON)
_SW4
SWI = 1.8V, VOUT1 = 3.6V,
IO = 400mA
--
100
130
m
SWI = 3.6V, VOUT1 = 5V,
IO = 400mA
--
100
130
m
SW4 Soft-Start Time
From enabled to VSWO = VSWI =
1.8V
--
1.4
--
ms
Current Limit of SW4
ILIM_SW4
SWI = 1.8V
500
900
--
mA
CH6 LDO
Supply Voltage of Ch6
PVDD6
2.7
--
5.5
V
PSRR+ of Ch6
1kHz, IO = 10mA, PVDD6 = 3.6V,
VOUT6 = 2.7V
--
60
--
dB
Ch6 Dropout Voltage
VOUT6 = 2.7V, IO = 100mA
--
50
80
mV
Current Limit of Ch6
ILIM_6
VOUT6 = 2.7V
300
450
600
mA
Control
CP Pull Down Resistance
70
100
k
EN Input High Level Threshold
1.3
--
--
V
EN Input Low Level Threshold
--
--
0.4
V
EN Sink Current
--
1
3
A
SYNC Input High Level
Threshold
1.3
--
--
V
SYNC Input Low Level Threshold
--
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com