Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 27 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 27 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 23Page - Richtek Technology Corporation RT5035B Datasheet HTML 24Page - Richtek Technology Corporation RT5035B Datasheet HTML 25Page - Richtek Technology Corporation RT5035B Datasheet HTML 26Page - Richtek Technology Corporation RT5035B Datasheet HTML 27Page - Richtek Technology Corporation RT5035B Datasheet HTML 28Page - Richtek Technology Corporation RT5035B Datasheet HTML 29Page - Richtek Technology Corporation RT5035B Datasheet HTML 30Page - Richtek Technology Corporation RT5035B Datasheet HTML 31Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
27
I
2C Register File
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A1
0X01
Meaning
VOUT1
VOUT2
Default
1
1
1
1
1
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
VOUT1
Setting of CH1 Output Voltage (Range : 5.3V to 3.6V, Default = 3.6V)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
5.3V
0100
4.9V
1000
4.5V
1100
4V
0001
5.2V
0101
4.8V
1001
4.4V
1101
3.9V
0010
5.1V
0110
4.7V
1010
4.3V
1110
3.8V
0011
5V
0111
4.6V
1011
4.2V
1111
3.6V
VOUT2
Setting of CH2 Output Voltage (Range : 3.65V to 2.9V, Default = 3.25V)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
3.65V
0100
3.45V
1000
3.25V
1100
3.05V
0001
3.6V
0101
3.4V
1001
3.2V
1101
3V
0010
3.55V
0110
3.35V
1010
3.15V
1110
2.95V
0011
3.5V
0111
3.3V
1011
3.1V
1111
2.9V
Note : If CH1 operate in PFM mode (the bit A14.PWM1 = 0), VOUT1 = 3.6V only
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A2
0X02
Meaning
VOUT3
VOUT4
Default
Decided by SEQ
Decided by SEQ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
VOUT3
Setting of CH3 Output Voltage (Range : 1.3V to 1V, Default is setting by SEQ)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
1.3V
0100
1.22V
1000
1.14V
1100
1.04V
0001
1.28V
0101
1.2V
1001
1.12V
1101
1.02V
0010
1.26V
0110
1.18V
1010
1.1V
1110
1V
0011
1.24V
0111
1.16V
1011
1.06V
1111
REF
VOUT4
Setting of CH4 Output Voltage (Range : 2.14V to 1.35V, Default is setting by
SEQ)
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
2.14V
0100
2V
1000
1.84V
1100
1.5 V
0001
2.1V
0101
1.96V
1001
1.8V
1101
1.46V
0010
2.06V
0110
1.92V
1010
1.76V
1110
1.39V
0011
2.04V
0111
1.88V
1011
1.54V
1111
1.35V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com