Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 31 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 31 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 27Page - Richtek Technology Corporation RT5035B Datasheet HTML 28Page - Richtek Technology Corporation RT5035B Datasheet HTML 29Page - Richtek Technology Corporation RT5035B Datasheet HTML 30Page - Richtek Technology Corporation RT5035B Datasheet HTML 31Page - Richtek Technology Corporation RT5035B Datasheet HTML 32Page - Richtek Technology Corporation RT5035B Datasheet HTML 33Page - Richtek Technology Corporation RT5035B Datasheet HTML 34Page - Richtek Technology Corporation RT5035B Datasheet HTML 35Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
31
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A11
0X0B
Meaning
SHDLY3
SHDLY2
Default
Decided by SEQ
Decided by SEQ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
SHDLY3
Setting SHDLY3 for CH3 Power off delay time (2ms x SHDLY3).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms
SHDLY2
Setting SHDLY2 for CH2 Power off delay time (2ms x SHDLY2).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A12
0X0C
Meaning
SHDLY10
SHDLY4
Default
Decided by SEQ
Decided by SEQ
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
SHDLY10
Setting SHDLY10 for CH10 Power on delay time (2ms x SHDLY10).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms
SHDLY4
Setting SHDLY4 for CH4 Power on delay time (2ms x SHDLY4).
Code
Voltage
Code
Voltage
Code
Voltage
Code
Voltage
0000
0ms
0100
8ms
1000
16ms
1100
24ms
0001
2ms
0101
10ms
1001
18ms
1101
26ms
0010
4ms
0110
12ms
1010
20ms
1110
28ms
0011
6ms
0111
14ms
1011
22ms
1111
30ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com