Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation RT5035B Datasheet HTML 14Page - Richtek Technology Corporation RT5035B Datasheet HTML 15Page - Richtek Technology Corporation RT5035B Datasheet HTML 16Page - Richtek Technology Corporation RT5035B Datasheet HTML 17Page - Richtek Technology Corporation RT5035B Datasheet HTML 18Page - Richtek Technology Corporation RT5035B Datasheet HTML 19Page - Richtek Technology Corporation RT5035B Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
16
Typical Operating Characteristics
CH1 Boost Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
Output Current (mA)
VOUT = 5V, L = 2.2μH, COUT = 10μF x 2
VIN = 1.8V
VIN = 2.4V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 4.5V
CH2 Buck-Boost Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 3.25V, L = 2.2μH, COUT = 10μF x 2
VIN = 1.8V
VIN = 2.4V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
CH3 Buck Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
Output Current (mA)
VOUT = 1.16V, L = 1.2μH, COUT = 44μF
VIN = 1.8V
VIN = 2.4V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
CH4 Buck Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 1.8V, L = 2.2μH, COUT = 10μF
VIN = 2.1V
VIN = 2.4V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
CH5 Buck Efficiency vs. Output Current
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
Output Current (mA)
VOUT = 1.23V, L = 2.2μH, COUT = 10μF
VIN = 1.8V
VIN = 2.4V
VIN = 3V
VIN = 3.6V
VIN = 4.2V
VIN = 5V
CH7 Efficiency vs. Input Voltage
0
10
20
30
40
50
60
70
80
90
100
1.8 2.1 2.4 2.7
3 3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
Input Voltage (V)
Load = 6WLEDs/30mA, L = 10μH, COUT = 1μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com