Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 10Page - Richtek Technology Corporation RT5035B Datasheet HTML 11Page - Richtek Technology Corporation RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation RT5035B Datasheet HTML 14Page - Richtek Technology Corporation RT5035B Datasheet HTML 15Page - Richtek Technology Corporation RT5035B Datasheet HTML 16Page - Richtek Technology Corporation RT5035B Datasheet HTML 17Page - Richtek Technology Corporation RT5035B Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
14
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
VDDM Discharge Equivalent
Resistance
VM = 4.2V and VDDM = 1V
200
--
--
Each Channel Discharge Finish
Threshold
for
Next
Channel
Starting to Turn Off
0.05
0.1
0.15
V
CH1 Async. PFM
N-MOSFET On-Time
--
0.5
--
s
Minimum Off-Time
--
0.5
--
s
N-MOSFET Current Limit
--
0.8
--
A
VOUT1 Regulation Voltage
3.5
3.6
3.7
V
Note 1.
Stresses beyond those listed “Absolute Maximum Ratings” may cause permanent damage to the device. These are
stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the
operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions may affect
device reliability.
Note 2.
JA is measured at TA = 25C on a high effective thermal conductivity four-layer test board per JEDEC 51-7. JC is
measured at the exposed pad of the package.
Note 3. Devices are ESD sensitive. Handling precaution recommended.
Note 4. The device is not guaranteed to function outside its operating conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com