Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 8Page - Richtek Technology Corporation RT5035B Datasheet HTML 9Page - Richtek Technology Corporation RT5035B Datasheet HTML 10Page - Richtek Technology Corporation RT5035B Datasheet HTML 11Page - Richtek Technology Corporation RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation RT5035B Datasheet HTML 14Page - Richtek Technology Corporation RT5035B Datasheet HTML 15Page - Richtek Technology Corporation RT5035B Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
12
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
RTC Under Voltage Lockout
Threshold (UVLO)
VRTC_F
RTCPWR falling
1.8
1.9
2
V
VRTC_R
RTCPWR rising
VRTC_F
+ 20m
2.2
2.3
V
RTC OSC Startup Time
--
0.5
1
s
Switch Ron from VDDM to
RTCPWR
P-MOSFET, VDDM = 3.1V
--
60
--
Under-Voltage and Over-Voltage Protection
CH1 OVP Threshold @ VOUT1
5.6
5.8
6
V
CH2 OVP Threshold @ VOUT2
5.8
6
6.2
V
CH7 OVP Threshold Accuracy @
LX7
Target voltage is the chosen one
in A7.OVP7
Target
1
Target
Target
+ 1
V
CH1 UVP Threshold @ VOUT1
1.95
2.25
2.55
V
CH2 UVP Threshold @ VOUT2
1.4
1.6
1.8
V
CH3 UVP Threshold @ VOUT3
0.525
0.6
0.675
V
CH4 UVP Threshold @ VOUT4
0.7
0.8
0.9
V
SW4 Load Switch UVP Threshold
VSWI-VSWO
--
0.9
--
V
SW4 Load Switch UVP Threshold
VSWO
--
0.9
--
V
CH5 UVP Threshold @ VOUT5
0.7
0.8
0.9
V
CH6 UVP Threshold @ VOUT6
A3.VOUT6 = 0 to 9
--
1.6
--
V
A3.VOUT6 = 10 to 15
--
0.8
--
CH8 UVP Threshold @ VOUT8
Target voltage is the chosen one
in A4.VOUT8
--
0.5 x
Target
--
V
CH10 UVP Threshold @ VOUT10
0.7
0.8
0.9
V
CH1 Over-Load P threshold
(OLP) @ VOUT1
Target voltage is the chosen one
in A1.VOUT1
--
Target
0.6
--
V
CH2 OLP Threshold @ VOUT2
Target voltage is the chosen one
in A1.VOUT2
--
Target
0.4
--
V
CH3 OLP Threshold @ VOUT3
Target voltage is the chosen one
in A2.VOUT3
--
Target
0.15
--
V
CH4 OLP Threshold @ VOUT4
Target voltage is the chosen one
in A2.VOUT4
--
Target
0.2
--
V
CH5 OLP Threshold @ VOUT5
Target voltage is the chosen one
in A3.VOUT5
--
Target
0.2
--
V
CH10 OLP Threshold @ VOUT10
Target voltage is the chosen one
in A5.VOUT10
--
Target
0.2
--
V
Protection Delay Time
for OCP and OLP, except OCP of
CH2
--
100
--
ms
I
2C
SDA, SCLK Input High Level
Threshold
0.7 x
VDDM
--
--
V
SDA, SCLK Input Low Level
Threshold
--
--
0.3 x
VDDM
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com