Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 22Page - Richtek Technology Corporation RT5035B Datasheet HTML 23Page - Richtek Technology Corporation RT5035B Datasheet HTML 24Page - Richtek Technology Corporation RT5035B Datasheet HTML 25Page - Richtek Technology Corporation RT5035B Datasheet HTML 26Page - Richtek Technology Corporation RT5035B Datasheet HTML 27Page - Richtek Technology Corporation RT5035B Datasheet HTML 28Page - Richtek Technology Corporation RT5035B Datasheet HTML 29Page - Richtek Technology Corporation RT5035B Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
26
And then EN goes low, IC will get into standby mode with CH1 and CH10 operating in PFM mode.
If BAT > 2.8V is guaranteed, SHDN_EN1 could be 0 to save electricity in standby mode.
As for back to shutdown mode, EN goes high, and to set I2C registers back to shutdown mode (SHDN_EN10 = 0
and SHDN_EN1 = 0 for Li battery. SHDN_EN10 = 0 and SHDN_EN1 keeps 1 for 2AA) and then EN goes low finally.
Power Sequence with Delay Time
The start point referred by ENDLYx delay time begins when the EN pin goes high. For instance, A14.EN8 = 1, CH8
turns on immediately.
EN Pin
A7.EN8
CH8 VOUT
I
2C Register Information
The RT5035A/B I2C interface power must be supplied by either VOUT2 or an equal potential node. If RESET = Low,
I2C read/write can not function. The RT5035A/B I2C slave address = 0011000 (7bits). I2C interface supports fast
mode (bit rate up to 400kb/s). The write or read bit stream (N
³1) is shown below :
SDA
SCL
tF
tLOW
tHD;STA
tHD;DAT
tHIGH
tSU;DAT
tSU;STA
tHD;STA
tSP
tBUF
tSU;STO
P
S
tR
Sr
S
tF
tR
S
0
1
A
P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m+N-1
A
Data for Address = m+1
S
0
P
Assume Address = m
Data for Address = m
Data for Address = m+N-1
Data for Address = m+1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
R/W
Data N
LSB
MSB
A
A
A
A
A
A
A
A
Read N bytes from RT5035
LSB
MSB
Data 2
Data N
LSB
MSB
LSB
Slave Address
Register Address
Data 1
Data 2
MSB
MSB
LSB
Write N bytes to RT5035
Driven by Master,
Driven by Slave (RT5035),
Start,
Repeat Start
Stop,
S
Sr
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com