Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 32 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 32 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 28Page - Richtek Technology Corporation RT5035B Datasheet HTML 29Page - Richtek Technology Corporation RT5035B Datasheet HTML 30Page - Richtek Technology Corporation RT5035B Datasheet HTML 31Page - Richtek Technology Corporation RT5035B Datasheet HTML 32Page - Richtek Technology Corporation RT5035B Datasheet HTML 33Page - Richtek Technology Corporation RT5035B Datasheet HTML 34Page - Richtek Technology Corporation RT5035B Datasheet HTML 35Page - Richtek Technology Corporation RT5035B Datasheet HTML 36Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
32
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A13
0X0D
Meaning
Reserved Reserved Reserved Reserved Reserved Reserved
SHDN_
PFM1
SHDN_
PFM10
Default
0
0
0
0
0
0
0
0
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
B
B
B
B
B
B
B
B
SHDN_PFM1
0 : CH1 is off when EN is low (Part. A default)
1 : CH1 operates at PFM when EN is low (Part. B default)
SHDN_PFM10
0 : CH10 is off when EN is low
1 : CH 10 operates at PFM when EN is low
Address
Name
Register
Address
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
A14
0X0E
Meaning
PWM1
ENSW4
EN4
EN5
EN6
EN7
EN8
PWM10
Default
1
0
1
0
0
0
0
1
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Reset
Condition
A
A
A
A
A
A
A
A
PWM1
1 : Means CH1 in Peak-Current Control PWM synchronous rectified operation
mode.
0 : Means CH1 in PFM asynchronous rectified operation mode.
ENSW4
1 : Enable SW4.
0 : Disable SW4
EN4
1 : Enable CH4
0 : Disable CH4
EN5
1 : Enable CH5
0 : Disable CH5
EN6
1 : Enable CH6
0 : Disable CH6
EN7
1 : Enable CH7
0 : Disable CH7
EN8
1 : Enable CH8
0 : Disable CH8
PWM10
1 : Means CH10 in Peak-Current Control PWM synchronous rectified operation
mode.
0 : Means CH10 in PFM mode
Notes :
ENSW4, EN4/5/6/7/8 at A14 : enable (ENx = 1) or disable (ENx = 0) SW4/CH4/5/6/7/8
When EN pin goes high, CHx would turn on (after the delay time ENDLYx) if the bits ENx = 1.
The register byte A14 would be reset when the external EN input pin goes low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com