Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 43 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 43 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 36Page - Richtek Technology Corporation RT5035B Datasheet HTML 37Page - Richtek Technology Corporation RT5035B Datasheet HTML 38Page - Richtek Technology Corporation RT5035B Datasheet HTML 39Page - Richtek Technology Corporation RT5035B Datasheet HTML 40Page - Richtek Technology Corporation RT5035B Datasheet HTML 41Page - Richtek Technology Corporation RT5035B Datasheet HTML 42Page - Richtek Technology Corporation RT5035B Datasheet HTML 43Page - Richtek Technology Corporation RT5035B Datasheet HTML 44Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
43
Protection
Type
Threshold
(Typical Value)
Delay
Time
Protection Method
Reset Method
CH7
OCP
NMOS current > 0.8A
100ms
Turn Off whole IC
VDDM power reset or
EN = low
OVP
LX7 > A4.OVP7
threshold
No delay
Turn Off CH7 only
VDDM power reset or
EN = low
CH8
UVP
VOUT8 < target x 0.5
No delay
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low
Current Limit
PMOS current > 300mA No delay
Limit PMOS current
Reset by load
CH9
Current limit
PMOS current > 100mA No delay
Limit PMOS current
Reset by load
VDDM UVLO
VDDM < 2.2V
No delay
Turn off whole IC,
except CH9 and CH1
in PFM
Restart whole IC if EN =
High and VDDM > 2.4V
RESET
VDDM < 2.2V
No delay
RESET goes low
Restart whole IC if EN =
High and VDDM > 2.4V
CH10
OCP
PMOS current > 1.5A
100ms
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low
VOUT10 UVP
VOUT10 < 0.8V
No delay
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = low
Over-Load
Protection
VOUT10 < target
 0.2V 100ms
Turn off whole IC,
except CH9 and CH1
in PFM
VDDM power reset or
EN = low
RTCPWR
UVLO
RTCPWR < 1.9V
No delay
Clear RTC registers
RTCPWR > 2.2V
SW4
Load
Switch
UVP
SWO < SWI
 0.9V
Or SWO < 0.9V
No delay
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
VDDM power reset or
EN = L
Current Limit
NMOS current > 900mA No delay
Limit N-MOSFET
current
Reset by load
Thermal
Thermal
Shutdown
Temperature > 160
C
No delay
Turn off whole IC,
except CH9 and CH1
in PFM (only for 2AA)
Restart whole IC if
EN = High and
Temperature < 140
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com