Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 5Page - Richtek Technology Corporation RT5035B Datasheet HTML 6Page - Richtek Technology Corporation RT5035B Datasheet HTML 7Page - Richtek Technology Corporation RT5035B Datasheet HTML 8Page - Richtek Technology Corporation RT5035B Datasheet HTML 9Page - Richtek Technology Corporation RT5035B Datasheet HTML 10Page - Richtek Technology Corporation RT5035B Datasheet HTML 11Page - Richtek Technology Corporation RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
9
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
CH3 Maximum Duty Cycle
(Step-Down)
--
--
100
%
CH4 Maximum Duty Cycle
(Step-Down)
--
--
100
%
CH5 Maximum Duty Cycle
(Step-Down)
--
--
100
%
CH7 Maximum Duty Cycle
(WLED)
Step-Up mode
91
93
97
%
CH10 Maximum Duty Cycle
(Step-Down)
--
--
100
%
Feedback and Output Regulation Voltage
VOUT1 Accuracy
A1.VOUT1 = 0 to 7
1.5
--
1.5
%
A1.VOUT1 = 8 to 15
2
--
2
%
VOUT2, 3, 10 Accuracy
The VOUTx typical values are
listed next.
1.5
--
1.5
%
VOUT4 Accuracy
A2.VOUT4 = 0 to 3 (near 1.8V)
1.5
--
1.5
%
A2.VOUT4 = 4 to 7 (near 1.5V)
2
--
2
%
VOUT5 Accuracy
A2.VOUT5 = 0 to 3
1.5
--
1.5
%
A2.VOUT5 = 4 to 7
2
--
2
%
VOUT6 Accuracy
A3.VOUT6 = 0 to 8
2
--
2
%
A3.VOUT6 = 9 to 15
2
--
2
%
VOUT8 Accuracy
A4.VOUT8 = 0 to 3
2
--
2
%
A4.VOUT8 = 4 to 7
2
--
2
%
Feedback Regulation Voltage @
FB7
0.285
0.3
0.315
V
VDDM Voltage
(CH9 LDO Output Regulation)
3.01
3.1
3.19
V
Power Switch Ron and Current Limit
CH1 On Resistance of MOSFET
RDS(ON)_1
P-MOSFET, VOUT1 = 3.3V
--
150
200
m
N-MOSFET, VOUT1 = 3.3V
--
100
150
m
CH1 Current Limitation (Step-Up) ILIM_1
2.5
3.5
4.5
A
CH2 On Resistance of MOSFET
RDS(ON)_2A
P
MOSFET (PVDD2 LX2A),
PVDD2 = VOUT2 = 3.3V
--
100
150
m
N
MOSFET (LX2A  GND),
PVDD2 = VOUT2 = 3.3V
--
200
300
m
CH2 On Resistance of MOSFET
RDS(ON)_2B
P
MOSFET (LX2B  VOUT2),
PVDD2 = VOUT2 = 3.3V
--
150
200
m
N
MOSFET (LX2B  GND),
PVDD2 = VOUT2 = 3.3V
--
100
150
m
CH2 Current Limitation
ILIM_2
Both PMOS (PVDD2
 LX2A)
and NMOS (LX2B
GND)
2.2
3
4
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com