Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 20 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 20 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 16Page - Richtek Technology Corporation RT5035B Datasheet HTML 17Page - Richtek Technology Corporation RT5035B Datasheet HTML 18Page - Richtek Technology Corporation RT5035B Datasheet HTML 19Page - Richtek Technology Corporation RT5035B Datasheet HTML 20Page - Richtek Technology Corporation RT5035B Datasheet HTML 21Page - Richtek Technology Corporation RT5035B Datasheet HTML 22Page - Richtek Technology Corporation RT5035B Datasheet HTML 23Page - Richtek Technology Corporation RT5035B Datasheet HTML 24Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
20
Application Information
CH1 : Step-Up DC-DC Converter
CH1 is a step-up converter for motor driver power in DSC system. The converter operates at Async PFM or fixed
frequency PWM current mode which can be set by I2C. The converter integrates internal MOSFETs, FB resistors,
compensation network and synchronous rectifier for up to 95% efficiency. The output voltage of CH1 is adjustable
by the I2C interface in the range of 3.6V to 5.3V. When CH1 operates at Async. PFM mode, LX1 switches as below
waveform :
VLX1
IL1
ILpk
Ton = constant on time
Ton let IL1 increase to ILpk
Toff
³ min off time
Next cycle activated
by EA
(if VOUT1 < 3.6V)
EA monitor VOUT1
³ 3.6V to activate the switching.
If VIN (BAT)-Vf > 3.6V à async boost not switch.
If VIN-Vf < 3.6V, LX1 switch as the above waveform.
Max Iout would be limited by peak current limit and
switching frequency.
(where Vf is forward voltage of external Schottky diode.)
Output charge per cycle :
Qo = Ilpk x Ilpk x L/(Vo-Vi) /2 = L x Ilpk^2 /2/(Vo-Vi)
Qo/Cout determines the output voltage ripple.
Iout = Qo x (switching frequency)
CH1 OVP Operation
Usually, CH1 suffers BEMF of motor, and OVP would occur abnormally. To eliminate this, the operation of CH1 is as
follows. When OVP (5.8V) occurs, CH1 stops switching and CH1 discharges VOUT1 through internal MOS (only for
discharge, I~30mA) until OVP hysteresis (5.5V) low threshold. If there is longer BEMF, the charging and discharging
period will repeat. PMU itself doesn
’t shut down immediately, but shuts down when continuous 100mS OVP occurs.
BEMF
Longer BEMF
30mA
5V
5.5V
5.8V
I_discharge
0V
OVP high threshold = 5.8V
OVP hysteresis low threshold = 5.5V
CH2 : Synchronous Step-Up / Down DC-DC Converter
CH2 is a synchronous step-up / down converter for system I/O power. The converter operates at fixed frequency
PWM Current Mode. The converter integrates internal MOSFETs, FB resistors, compensation network and
synchronous rectifier for up to 95% efficiency. The output voltage of CH2 can be adjusted by the I2C interface in the
range of 2.9V to 3.65V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com