Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 34Page - Richtek Technology Corporation RT5035B Datasheet HTML 35Page - Richtek Technology Corporation RT5035B Datasheet HTML 36Page - Richtek Technology Corporation RT5035B Datasheet HTML 37Page - Richtek Technology Corporation RT5035B Datasheet HTML 38Page - Richtek Technology Corporation RT5035B Datasheet HTML 39Page - Richtek Technology Corporation RT5035B Datasheet HTML 40Page - Richtek Technology Corporation RT5035B Datasheet HTML 41Page - Richtek Technology Corporation RT5035B Datasheet HTML 42Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
38
SEQ2
Register
Item
Code
Value
A2
VOUT3
1101
1.02V
A2
VOUT4
1001
1.8V
A5
VOUT10
101
1.22V
A9
ENDLY3
0111
14ms
A9
ENDLY2
1001
18ms
A10
ENDLY10
1001
18ms
A10
ENDLY4
1001
18ms
A11
SHDLY3
1010
20ms
A11
SHDLY2
0000
0ms
A12
SHDLY10
0000
0ms
A12
SHDLY4
0000
0ms
SEQ3
Register
Item
Code
Value
A2
VOUT3
1111
REF
A2
VOUT4
1001
1.8V
A5
VOUT10
111
REF
A9
ENDLY3
0111
14ms
A9
ENDLY2
1001
18ms
A10
ENDLY10
1001
18ms
A10
ENDLY4
1001
18ms
A11
SHDLY3
1010
20ms
A11
SHDLY2
0000
0ms
A12
SHDLY10
0000
0ms
A12
SHDLY4
0000
0ms
SEQ4
Register
Item
Code
Value
A2
VOUT3
1000
1.14V
A2
VOUT4
1001
1.8V
A5
VOUT10
011
1.35V
A9
ENDLY3
0111
14ms
A9
ENDLY2
1001
18ms
A10
ENDLY10
1001
18ms
A10
ENDLY4
1001
18ms
A11
SHDLY3
1010
20ms
A11
SHDLY2
0000
0ms
A12
SHDLY10
0000
0ms
A12
SHDLY4
0000
0ms
SEQ5
Register
Item
Code
Value
A2
VOUT3
1101
1.02V
A2
VOUT4
1001
1.8V
A5
VOUT10
011
1.35V
A9
ENDLY3
0111
14ms
A9
ENDLY2
1001
18ms
A10
ENDLY10
1001
18ms
A10
ENDLY4
1001
18ms
A11
SHDLY3
1010
20ms
A11
SHDLY2
0000
0ms
A12
SHDLY10
0000
0ms
A12
SHDLY4
0000
0ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com