Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 15 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 15 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 11Page - Richtek Technology Corporation RT5035B Datasheet HTML 12Page - Richtek Technology Corporation RT5035B Datasheet HTML 13Page - Richtek Technology Corporation RT5035B Datasheet HTML 14Page - Richtek Technology Corporation RT5035B Datasheet HTML 15Page - Richtek Technology Corporation RT5035B Datasheet HTML 16Page - Richtek Technology Corporation RT5035B Datasheet HTML 17Page - Richtek Technology Corporation RT5035B Datasheet HTML 18Page - Richtek Technology Corporation RT5035B Datasheet HTML 19Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
15
Typical Application Circuit
RT5035A/B
3
FB7
REXT
10
VDDM
38
BAT
LX5
25
13
L5
2.2
μH
COUT5
10
μF
PVDD6
VOUT6
VBAT
CBAT
4.7
μF
LX7
6
VBAT
VOUT8
28
PVDD8
29
Back Light
VMOTOR
VDDM
To ASIC Power Sequencer
2
To ASIC Power Sequencer
RTCPWR
37
RRTCPWR
1k
+
C32K
31
To ASIC Power Sequencer
Backup
Battery
XIN
36
XOUT
35
GND
41 (Exposed Pad)
RTCGND 34
LX2A 23
21
PVDD2 24
LX2B
L2
2.2
μH
VBAT
CIN2
10
μF
SCL 18
LX4 7
L4
2.2
μH
COUT4
10
μF
VOUT4/SWI
14
CIN4
4.7
μF
8
PVDD4/10
VBAT
PVDD3 32
33
LX3 30
VOUT3/FB3
L3
1.2
μH
CIN3
10
μF
VBAT
COUT3
40
μF
VNEG 10
CVNEG
1
μF
VOUT2
COUT2
10
μF x 2
19
17
SDA
VI/O
3.25V
I
2
C Bus
CP
CN
12
11
CCP
10nF
EN
Chip Enable
22
From ASIC
Power Sequencer
CXIN
CXOUT
RSDA
RSCL
CIN7
1
μF
L7
10
μH
CIN8
1
μF
COUT8
2.2
μF
CVDDM
2.2
μF
CRTCPWR
1
μF
Y1
CSWO
10
μF
16
SWO
VOUT5/FB5
27
PVDD5
26
VBAT
CIN5
4.7
μF
5
CIN6
1
μF
4
COUT6
2.2
μF
15pF
15pF
LX1 1
L1
2.2
μH
VBAT
CIN1
4.7
μF
VMOTOR
VOUT1
40
COUT1
10
μF x 2
VOUT2
VOUT3
VOUT4
SWO
SYNC 39
SEQ
20
VOUT5
VMOTOR
VOUT6
COUT7
1
μF
VOUT8
LX10
9
L10
2.2
μH
COUT10
10
μF
VOUT10/FB10
15
VOUT10
D7
D1
D2
D3
D4
D5
D6
RRESET
10k
VDDM
RESET
RSEQ
R6
5k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com