Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 37 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 37 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 33Page - Richtek Technology Corporation RT5035B Datasheet HTML 34Page - Richtek Technology Corporation RT5035B Datasheet HTML 35Page - Richtek Technology Corporation RT5035B Datasheet HTML 36Page - Richtek Technology Corporation RT5035B Datasheet HTML 37Page - Richtek Technology Corporation RT5035B Datasheet HTML 38Page - Richtek Technology Corporation RT5035B Datasheet HTML 39Page - Richtek Technology Corporation RT5035B Datasheet HTML 40Page - Richtek Technology Corporation RT5035B Datasheet HTML 41Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5035A/B-02
February
2017
www.richtek.com
37
Output Voltage List
I
2C
Register Value
VOUT1
4bit
VOUT2
4bit
VOUT3
4bit
VOUT4
4bit
VOUT5
3bit
VOUT6
4bit
VOUT8
3bit
VOUT10
3bit
0
5.3
3.65
1.3
2.14
2
3
5.2
1.52
1
5.2
3.6
1.28
2.1
1.8
2.9
5.1
1.5
2
5.1
3.55
1.26
2.06
1.5
2.8
* 5
1.37
3
5
3.5
1.24
2.04
1.35
* 2.7
3.5
1.35
4
4.9
3.45
1.22
2
1.26
2.6
3.4
1.25
5
4.8
3.4
1.2
1.96
1.23
2.5
3.3
1.22
6
4.7
3.35
1.18
1.92
*1.2
2.4
3
1.2
7
4.6
3.3
1.16
1.88
REF (0.8)
2.3
1.5
REF (0.8)
8
4.5
* 3.25
1.14
1.84
2.2
9
4.4
3.2
1.12
* 1.8
2
10
4.3
3.15
1.1
1.76
1.9
11
4.2
3.1
1.06
1.54
1.8
12
4
3.05
1.04
1.5
1.7
13
3.9
3
1.02
1.46
1.5
14
3.8
2.95
1
1.39
1.4
15
* 3.6
2.9
REF (0.8)
1.35
1.2
* : Default value
VOUT3/4/10 Default Voltage is selected by the SEQ pin and latched at the moment when RESET goes high.
SEQ ID
The SEQ pin pull down resistance RSEQ defines Power
on/off Sequence and Default Voltage.
SEQ ID
RSEQ Range
(k
)
Typical
RSEQ(k)
Power on
Procedure
SEQ #0
Connect to Power
(>0.2V, <AVDD) before EN
goes high
Reserved
SEQ #1
80> RSEQ >20
40
Refer Table.
SEQ1
SEQ #2
20> RSEQ >5
10
Refer Table.
SEQ2
SEQ #3
5> RSEQ >1.25
2.5
Refer Table.
SEQ3
SEQ #4
1.25> RSEQ or
connect to GND
(<0.2V)
0.625 or
short to GND
Refer Table.
SEQ4
SEQ #5
RSEQ >80 or
floating (HZ)
120 or HZ
Refer Table.
SEQ5
SEQ1
Register
Item
Code
Value
A2
VOUT3
1101
1.02V
A2
VOUT4
1001
1.8V
A5
VOUT10
111
REF
A9
ENDLY3
0111
14ms
A9
ENDLY2
1011
22ms
A10
ENDLY10
1001
18ms
A10
ENDLY4
1001
18ms
A11
SHDLY3
1010
20ms
A11
SHDLY2
0000
0ms
A12
SHDLY10
0000
0ms
A12
SHDLY4
0000
0ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com