Electronic Components Datasheet Search
  English  ▼

X  

RT5035B Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT5035B
Description   Channel DC-DC Converters
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5035B Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT5035B Datasheet HTML 20Page - Richtek Technology Corporation RT5035B Datasheet HTML 21Page - Richtek Technology Corporation RT5035B Datasheet HTML 22Page - Richtek Technology Corporation RT5035B Datasheet HTML 23Page - Richtek Technology Corporation RT5035B Datasheet HTML 24Page - Richtek Technology Corporation RT5035B Datasheet HTML 25Page - Richtek Technology Corporation RT5035B Datasheet HTML 26Page - Richtek Technology Corporation RT5035B Datasheet HTML 27Page - Richtek Technology Corporation RT5035B Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
RT5035A/B
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5035A/B-02
February
2017
24
Power On/Off Sequence
Part.A : Li (SHDN_PFM1 = 0)
EN pin
REF_GOOD
VREF, OSC, OTP, VDDM_UVLO, SEQ detection are ready.
CH3
CH2
CH4
VOUT1
0V
5.0V (for instance)
0V
BAT
Battery Installed
And BATUVLO goes LOW
ENDLY3
ENDLY2
ENDLY4
CH10
ENDLY10
PWM operation
VDDM
0V
3.1 or BAT
3.1V
VM(internal)
BAT
5V
3.1 or BAT
A13.SHDN_EN10=0
/RESET
VDDM>2.4V and RTCOSC stable
(Sync with C32K)
SHDLY2=0
SHDLY4=0
SHDLY10=0
SHDLY3
BAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com