Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 51Page - Analog Devices AD7761BSTZ Datasheet HTML 52Page - Analog Devices AD7761BSTZ Datasheet HTML 53Page - Analog Devices AD7761BSTZ Datasheet HTML 54Page - Analog Devices AD7761BSTZ Datasheet HTML 55Page - Analog Devices AD7761BSTZ Datasheet HTML 56Page - Analog Devices AD7761BSTZ Datasheet HTML 57Page - Analog Devices AD7761BSTZ Datasheet HTML 58Page - Analog Devices AD7761BSTZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 76 page
background image
AD7761
Data Sheet
Rev. A | Page 54 of 75
Figure 78 shows an example of daisy-chaining AD7761 devices,
when FORMATx = 01. In this case, the DOUT1 and DOUT0 pins
of the AD7761 devices are cascaded to the DOUT6 and DOUT7
pins of the next device in the chain. Data readback is analogous
to clocking a shift register where data is clocked out on the rising
edge of DCLK. Input data on the DOUT6 and DOUT7 pins is
sampled on the falling edge of DCLK.
The scheme operates by passing the output data of the DOUT0
and DOUT1 pins of an AD7761 upstream device to the DOUT6
and DOUT7 inputs of the next AD7761 device downstream in the
chain. The data then continues through the chain until it is clocked
onto the DOUT0 and DOUT1 pins of the final downstream
device in the chain.
Daisy-chaining can be achieved in a similar manner on the
AD7761 when using only the DOUT0 pin. In this case, only
Pin 21 of the AD7761 is used as the serial data input pin.
In a daisy-chained system of AD7761 devices, two successive
synchronization pulses must be applied to guarantee that all ADCs
are synchronized. Two synchronization pulses are also required in a
system of more than one AD7761 device sharing a single MCLK
signal, where the DRDY pin of only one device is used to detect
new data.
The maximum DCLK frequency that can be used when daisy-
chaining devices is a function of the AD7761 timing specifications
(t4, and t11 in Table 4), the MCLK duty cycle, and any timing
differences between the AD7761 devices due to layout and spacing
of devices on the PCB.
Use the following formula to aid in determining the maximum
operating frequency of the interface:
(
)
SKEW
P
4
11
MAX
t
t
t
t
f
+
+
+
×
=
2
1
where:
fMAX is the maximum useable DCLK frequency.
t11 and t4 are the AD7761 timing specifications (see Table 4).
tP is the maximum propagation delay of the data between
successive AD7761 devices in the chain.
tSKEW is the maximum skew in the MCLK signal seen by any pair of
AD7761 devices in the chain.
The MCLK duty cycle is 50:50, or DCLK is set to MCLK/2,
MCLK/4, or MCLK/8.
In the case where the MCLK duty cycle is not 50:50 and the
interface is configured with DCLK = MCLK/1, ensure that the
applied MCLK signal meets the minimum MCLK high pulse width
requirement, as calculated by the following formula:
MCLK Minimum High Pulse Width = t11 + t4 + tP + tSKEW
Synchronization
An important consideration for daisy-chaining more than two
AD7761 devices is synchronization. The basic provision for
synchronizing multiple devices is that each device is clocked
with the same base MCLK signal.
The AD7761 offers three options to allow ease of system synchro-
nization. Choosing between the options depends on the system, but
is determined by whether the user can supply a synchronization
pulse that is truly synchronous with the base MCLK signal.
If the user cannot provide a signal that is synchronous to the
base MCLK signal, one of the following two methods can be
employed:
•
Apply a START pulse to the first AD7761 device. The first
AD7761 device samples the asynchronous START pulse
and generates a pulse on SYNC_OUT of the first device
related to the base MCLK signal for distribution locally.
•
Use synchronization over SPI (only available in SPI control
mode) to write a synchronization command to the first
AD7761 device. Similarly to the START pin method, the
SPI sync generates a pulse on SYNC_OUT of the first device
related to the base MCLK signal for distribution locally.
In both cases, route the SYNC_OUT pin of the first device to
the SYNC_IN pin of that same device and to the SYNC_IN pins
of all other devices that are to be synchronized (see Figure 79).
The SYNC_OUT pins of the other devices must remain open
circuit. Tie all unused START pins to a Logic 1 through pull-up
resistors.
START
SYNC_IN
DOUT1
DOUT0
DRDY
MCLK
SYNC_OUT
DSP/
FPGA
AD7761
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
START
SYNC_IN
DRDY
MCLK
SYNC_OUT
AD7761
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MASTER
CLOCK
DNC
DNC
IOVDD
Figure 79. Synchronizing Multiple AD7761 Devices Using SYNC_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com