Electronic Components Datasheet Search
  English  ▼

X  

AD7761BSTZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7761BSTZ
Description  8-Channel, 16-Bit, Simultaneous Sampling ADC with Power Scaling, 110.8 kHz BW
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7761BSTZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7761BSTZ Datasheet HTML 20Page - Analog Devices AD7761BSTZ Datasheet HTML 21Page - Analog Devices AD7761BSTZ Datasheet HTML 22Page - Analog Devices AD7761BSTZ Datasheet HTML 23Page - Analog Devices AD7761BSTZ Datasheet HTML 24Page - Analog Devices AD7761BSTZ Datasheet HTML 25Page - Analog Devices AD7761BSTZ Datasheet HTML 26Page - Analog Devices AD7761BSTZ Datasheet HTML 27Page - Analog Devices AD7761BSTZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 76 page
background image
Data Sheet
AD7761
Rev. A | Page 23 of 75
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
DCLK = 32.768MHz
AVDD1 = 5V + 100mV p-p
Figure 29. AC PSRR vs. Frequency, AVDD1
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
DCLK = 32.768MHz
AVDD2 = 5V + 100mV p-p
Figure 30. AC PSRR vs. Frequency, AVDD2
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOVDD = 1.8V, DCLK = 32.768MHz, CH7
IOVDD = 2.5V, DCLK = 32.768MHz, CH7
IOVDD = 1.8V, DCLK = 8.192MHz, CH7
IOVDD = 2.5V, DCLK = 8.192MHz, CH7
Figure 31. AC PSRR vs. Frequency, IOVDD
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
20
0.1
–0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
NORMALIZED INPUT FREQUENCY (
fIN/fODR)
FOCUS
MEDIAN
FAST
Figure 32. Wideband Filter Profile, Amplitude vs. fIN/fODR
SAMPLES
–4
–3
–2
–1
0
1
2
3
4
5
0
10
20
30
40
50
60
70
80
AINx
DOUTx
0
10000
20000
30000
40000
50000
60000
70000
Figure 33. Step Response, Wideband Filter
–0.005
–0.004
–0.003
–0.002
–0.001
0
0.001
0.002
0.003
0.004
0.005
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
NORMALIZED INPUT FREQUENCY (
fIN/fODR)
FOCUS
MEDIAN
FAST
Figure 34. Wideband Filter Ripple



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com